Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 131Page - Microchip Technology PIC17C44 Datasheet HTML 132Page - Microchip Technology PIC17C44 Datasheet HTML 133Page - Microchip Technology PIC17C44 Datasheet HTML 134Page - Microchip Technology PIC17C44 Datasheet HTML 135Page - Microchip Technology PIC17C44 Datasheet HTML 136Page - Microchip Technology PIC17C44 Datasheet HTML 137Page - Microchip Technology PIC17C44 Datasheet HTML 138Page - Microchip Technology PIC17C44 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 135
PIC17C4X
SLEEP
Enter SLEEP mode
Syntax:
[
label ] SLEEP
Operands:
None
Operation:
00h
→ WDT;
0
→ WDT postscaler;
1
→ TO;
0
→ PD
Status Affected:
TO, PD
Encoding:
0000
0000
0000
0011
Description:
The power down status bit (PD) is
cleared. The time-out status bit (TO) is
set. Watchdog Timer and its prescaler
are cleared.
The processor is put into SLEEP
mode with the oscillator stopped.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
PCLATH
Execute
NOP
Example:
SLEEP
Before Instruction
TO =?
PD =?
After Instruction
TO =1 †
PD =0
† If WDT causes wake-up, this bit is cleared
SUBLW
Subtract WREG from Literal
Syntax:
[
label ] SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k – (WREG)
→ (WREG)
Status Affected:
OV, C, DC, Z
Encoding:
1011
0010
kkkk
kkkk
Description:
WREG is subtracted from the eight bit
literal 'k'. The result is placed in
WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Execute
Write to
WREG
Example 1:
SUBLW
0x02
Before Instruction
WREG
=
1
C=
?
After Instruction
WREG
=
1
C
=
1
; result is positive
Z=
0
Example 2:
Before Instruction
WREG
=
2
C=
?
After Instruction
WREG
=
0
C
=
1
; result is zero
Z=
1
Example 3:
Before Instruction
WREG
=
3
C=
?
After Instruction
WREG
=
FF ; (2’s complement)
C
=
0
; result is negative
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com