Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 133Page - Microchip Technology PIC17C44 Datasheet HTML 134Page - Microchip Technology PIC17C44 Datasheet HTML 135Page - Microchip Technology PIC17C44 Datasheet HTML 136Page - Microchip Technology PIC17C44 Datasheet HTML 137Page - Microchip Technology PIC17C44 Datasheet HTML 138Page - Microchip Technology PIC17C44 Datasheet HTML 139Page - Microchip Technology PIC17C44 Datasheet HTML 140Page - Microchip Technology PIC17C44 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 137
PIC17C4X
SWAPF
Swap f
Syntax:
[
label ] SWAPF f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
f<3:0>
→ dest<7:4>;
f<7:4>
→ dest<3:0>
Status Affected:
None
Encoding:
0001
110d
ffff
ffff
Description:
The upper and lower nibbles of register
'f' are exchanged. If 'd' is 0 the result is
placed in WREG. If 'd' is 1 the result is
placed in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write to
destination
Example:
SWAPF
REG,
0
Before Instruction
REG
=
0x53
After Instruction
REG
=
0x35
TABLRD
Table Read
Syntax:
[
label ]
TABLRD t,i,f
Operands:
0
≤ f ≤ 255
i
∈ [0,1]
t
∈ [0,1]
Operation:
If t = 1,
TBLATH
→ f;
If t = 0,
TBLATL
→ f;
Prog Mem (TBLPTR)
→ TBLAT;
If i = 1,
TBLPTR + 1
→ TBLPTR
Status Affected:
None
Encoding:
1010
10ti
ffff
ffff
Description:
1.
A byte of the table latch (TBLAT)
is moved to register file 'f'.
If t = 0: the high byte is moved;
If t = 1: the low byte is moved
2.
Then the contents of the program
memory location pointed to by
the
16-bit
Table
Pointer
(TBLPTR) is loaded into the
16-bit Table Latch (TBLAT).
3.
If i = 1: TBLPTR is incremented;
If i = 0: TBLPTR is not
incremented
Words:
1
Cycles:
2 (3 cycle if f = PCL)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
TBLATH or
TBLATL
Execute
Write
register 'f'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com