Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 147Page - Microchip Technology PIC17C44 Datasheet HTML 148Page - Microchip Technology PIC17C44 Datasheet HTML 149Page - Microchip Technology PIC17C44 Datasheet HTML 150Page - Microchip Technology PIC17C44 Datasheet HTML 151Page - Microchip Technology PIC17C44 Datasheet HTML 152Page - Microchip Technology PIC17C44 Datasheet HTML 153Page - Microchip Technology PIC17C44 Datasheet HTML 154Page - Microchip Technology PIC17C44 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 151
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
Output Low Voltage
D080
D081
VOL
I/O ports (except RA2 and RA3)
with TTL buffer
–
–
–
–
0.1VDD
0.4
V
V
IOL = 4 mA
IOL = 6 mA, VDD = 4.5V
Note 6
D082
RA2 and RA3
–
–
3.0
V
IOL = 60.0 mA, VDD = 5.5V
D083
OSC2/CLKOUT
(RC and EC osc modes)
–
–
0.4
V
IOL = 2 mA, VDD = 4.5V
Output High Voltage (Note 3)
D090
D091
VOH
I/O ports (except RA2 and RA3)
with TTL buffer
0.9VDD
2.4
–
–
–
–
V
V
IOH = -2 mA
IOH = -6.0 mA, VDD = 4.5V
Note 6
D092
RA2 and RA3
–
–
12
V
Pulled-up to externally applied
voltage
D093
OSC2/CLKOUT
(RC and EC osc modes)
2.4
–
–
V
IOH = -5 mA, VDD = 4.5V
Capacitive Loading Specs on
Output Pins
D100
COSC2 OSC2 pin
–
–
25 ††
pF
In EC or RC osc modes when
OSC2 pin is outputting
CLKOUT.
External clock is used to drive
OSC1.
D101
CIO
All I/O pins and OSC2
(in RC mode)
–
–
50 ††
pF
D102
CAD
System Interface Bus
(PORTC, PORTD and PORTE)
–
–
100 ††
pF
In Microprocessor or
Extended Microcontroller
mode
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in Section 17.1
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
††
Design guidance to attain the AC timing specifications. These loads are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the
PIC17CXX devices be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: These specifications are for the programming of the on-chip program memory EPROM through the use of the
table write instructions. The complete programming specifications can be found in: PIC17CXX Programming
Specifications (Literature number DS30139).
5: The MCLR/Vpp pin may be kept in this range at times other than programming, but this is not recommended.
6: For TTL buffers, the better of the two specifications may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com