Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 150Page - Microchip Technology PIC17C44 Datasheet HTML 151Page - Microchip Technology PIC17C44 Datasheet HTML 152Page - Microchip Technology PIC17C44 Datasheet HTML 153Page - Microchip Technology PIC17C44 Datasheet HTML 154Page - Microchip Technology PIC17C44 Datasheet HTML 155Page - Microchip Technology PIC17C44 Datasheet HTML 156Page - Microchip Technology PIC17C44 Datasheet HTML 157Page - Microchip Technology PIC17C44 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 240 page
background image
PIC17C4X
DS30412C-page 154
© 1996 Microchip Technology Inc.
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 17-1: PARAMETER MEASUREMENT INFORMATION
All timings are measure between high and low measurement points as indicated in the figures below.
0.9VDD
0.1VDD
Rise Time
Fall Time
VOH = 0.7VDD
VDD/2
VOL = 0.3VDD
Data out valid
Data out invalid
Output
hi-impedance
Output
driven
0.25V
0.25V
0.25V
0.25V
OUTPUT LEVEL CONDITIONS
PORTC, D and E pins
All other input pins
VIH = 2.4V
VIL = 0.4V
Data in valid
Data in invalid
VIH = 0.9VDD
VIL = 0.1VDD
Data in valid
Data in invalid
INPUT LEVEL CONDITIONS
LOAD CONDITIONS
CL
Load Condition 1
Load Condition 2
RL
Pin
VSS
VDD/2
Pin
CL
VSS
RL = 464
CL
≤ 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com