Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 173Page - Microchip Technology PIC17C44 Datasheet HTML 174Page - Microchip Technology PIC17C44 Datasheet HTML 175Page - Microchip Technology PIC17C44 Datasheet HTML 176Page - Microchip Technology PIC17C44 Datasheet HTML 177Page - Microchip Technology PIC17C44 Datasheet HTML 178Page - Microchip Technology PIC17C44 Datasheet HTML 179Page - Microchip Technology PIC17C44 Datasheet HTML 180Page - Microchip Technology PIC17C44 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 177
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
19.1
DC CHARACTERISTICS:
PIC17CR42/42A/43/R43/44-16 (Commercial, Industrial)
PIC17CR42/42A/43/R43/44-25 (Commercial, Industrial)
PIC17CR42/42A/43/R43/44-33 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
VDD
Supply Voltage
4.5
–
6.0
V
D002
VDR
RAM Data Retention
Voltage (Note 1)
1.5 *
–
–
V
Device in SLEEP mode
D003
VPOR
VDD start voltage to
ensure internal
Power-on Reset signal
–VSS
–
V
See section on Power-on Reset for
details
D004
SVDD
VDD rise rate to
ensure internal
Power-on Reset signal
0.060 *
–
–
mV/ms See section on Power-on Reset for
details
D010
D011
D012
D013
D015
D014
IDD
Supply Current
(Note 2)
–
–
–
–
–
–
3
6
11
19
25
95
6
12 *
24 *
38
50
150
mA
mA
mA
mA
mA
µA
FOSC = 4 MHz (Note 4)
FOSC = 8 MHz
FOSC = 16 MHz
FOSC = 25 MHz
FOSC = 33 MHz
FOSC = 32 kHz,
WDT enabled (EC osc configuration)
D020
D021
IPD
Power-down
Current (Note 3)
–
–
10
< 1
40
5
µA
µA
VDD = 5.5V, WDT enabled
VDD = 5.5V, WDT disabled
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD or VSS, T0CKI = VDD,
MCLR = VDD; WDT enabled/disabled as specified.
Current consumed from the oscillator and I/O’s driving external capacitive or resistive loads needs to be con-
sidered.
For the RC oscillator, the current through the external pull-up resistor (R) can be estimated as: VDD / (2
• R).
For capacitive loads, the current can be estimated (for an individual I/O pin) as (CL
• VDD) • f
CL = Total capacitive load on the I/O pin; f = average frequency the I/O pin switches.
The capacitive currents are most significant when the device is configured for external execution (includes
extended microcontroller mode).
3: The power down current in SLEEP mode does not depend on the oscillator type. Power-down current is mea-
sured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be esti-
mated by the formula IR = VDD/2Rext (mA) with Rext in kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com