Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 176Page - Microchip Technology PIC17C44 Datasheet HTML 177Page - Microchip Technology PIC17C44 Datasheet HTML 178Page - Microchip Technology PIC17C44 Datasheet HTML 179Page - Microchip Technology PIC17C44 Datasheet HTML 180Page - Microchip Technology PIC17C44 Datasheet HTML 181Page - Microchip Technology PIC17C44 Datasheet HTML 182Page - Microchip Technology PIC17C44 Datasheet HTML 183Page - Microchip Technology PIC17C44 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 240 page
background image
PIC17C4X
DS30412C-page 180
© 1996 Microchip Technology Inc.
Applicable Devices 42 R42 42A 43 R43 44
Output Low Voltage
D080
D081
VOL
I/O ports (except RA2 and RA3)
with TTL buffer
–
–
–
–
–
–
0.1VDD
0.1VDD *
0.4
V
V
V
IOL = VDD/1.250 mA
4.5V
≤ VDD ≤ 6.0V
VDD
= 2.5V
IOL = 6 mA, VDD = 4.5V
Note 6
D082
RA2 and RA3
–
–
3.0
V
IOL = 60.0 mA, VDD = 6.0V
D083
D084
OSC2/CLKOUT
(RC and EC osc modes)
–
–
–
–
0.4
0.1VDD *
V
V
IOL = 1 mA, VDD = 4.5V
IOL = VDD/5 mA
(PIC17LC43/LC44 only)
Output High Voltage (Note 3)
D090
D091
VOH
I/O ports (except RA2 and RA3)
with TTL buffer
0.9VDD
0.9VDD *
2.4
–
–
–
–
–
–
V
V
V
IOH = -VDD/2.500 mA
4.5V
≤ VDD ≤ 6.0V
VDD
= 2.5V
IOH = -6.0 mA, VDD=4.5V
Note 6
D092
RA2 and RA3
–
–
12
V
Pulled-up to externally
applied voltage
D093
D094
OSC2/CLKOUT
(RC and EC osc modes)
2.4
0.9VDD *
–
–
–
–
V
V
IOH = -5 mA, VDD = 4.5V
IOH = -VDD/5 mA
(PIC17LC43/LC44 only)
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2/CLKOUT pin
–
–
25
pF
In EC or RC osc modes
when OSC2 pin is outputting
CLKOUT.
external clock is used to
drive OSC1.
D101
CIO
All I/O pins and OSC2
(in RC mode)
–
–
50
pF
D102
CAD
System Interface Bus
(PORTC, PORTD and PORTE)
–
–
50
pF
In Microprocessor or
Extended Microcontroller
mode
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in Section 19.1
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC17CXX devices be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: These specifications are for the programming of the on-chip program memory EPROM through the use of the
table write instructions. The complete programming specifications can be found in: PIC17CXX Programming
Specifications (Literature number DS30139).
5: The MCLR/VPP pin may be kept in this range at times other than programming, but is not recommended.
6: For TTL buffers, the better of the two specifications may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com