Electronic Components Datasheet Search
  English  ▼

X  

DMG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # DMG
Description  ELECTRIC DOUBLE LAYER CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

DMG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  DMG Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
□:Tolerance
(M:±20)
 **:Lead Forming
2.5DMG1□**8X16
2.5DMG2R2□**10X16
2.5DMG3R3□**10X20
2.5DMG4R7□**12.5X25
2.5DMG10□**16X25
2.5DMG22□**18X35.5
2.5DMG30□**18X45
ELECTRIC DOUBLE LAYER CAPACITORS
◆SPECIFICATIONS
Characteristics
−25∼+70℃
2.5Vdc
±20% (20℃)
After 1000 hours with rated voltage at 70℃, the capacitors shall meet the following requirements.
After 1000 hours without load at 70℃, the capacitors shall meet the same requirements specified for endurance.
◆DIMENSIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Characteristics at High and
low Temperatures
Endurance
Storage at High Temperature
Items
ESR
Capacitance Change
|ΔC/C(initial)|≦30%
Max, 3 times of the specification
ESR
Capacitance Change
|ΔC/C(+20℃)|≦30%
Max, 4 times of value at +20℃ (at −25℃)
2.5
1
2.2
3.3
4.7
10
22
30
0.2
0.2
0.15
0.1
0.06
0.05
0.04
8×16
10×16
10×20
12.5×25
16×25
18×35.5
18×45
◆STANDARD SIZE
◆PART NUMBER
□□□
Rated Voltage
DMG
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
□
Capacitance Tolerance
φD
φd
F
10
5.0
0.6
0.6
0.6
8
3.5
12.5
5.0
16
7.5
0.8
0.8
18
7.5
SERIES
DMG
Load Life: 70℃ 1000 hours, Low Resistance
◆FEATURES
・Low Resistance.
・RoHS compliance.
L+2.0 MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)
F ±0.5
Rated Voltage
(Vdc)
Capacitance
(F)
ESR
(Ω/20℃, 1kHz)
φD×L
(mm)
DMG
Part No.
Lead Forming : Please refer to aluminum electrolytic capacitors section.
(mm)


Similar Part No. - DMG

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DMG-10B-300 MERRIMAC-DMG-10B-300 Datasheet
106Kb / 1P
DOUBLE BALANCED MIXER
DMG-2A-750 MERRIMAC-DMG-2A-750 Datasheet
89Kb / 1P
DOUBLE BALANCED MIXERS
DMG-2B-2000 MERRIMAC-DMG-2B-2000 Datasheet
26Kb / 1P
DOUBLE BALANCED MIXERS
DMG-2B-350 MERRIMAC-DMG-2B-350 Datasheet
26Kb / 1P
DOUBLE BALANCED MIXERS
logo
Pro-Signal
DMG-400 PROSIGNAL-DMG-400 Datasheet
186Kb / 1P
Gooseneck Mic
04/12/12 V1.0
More results

Similar Description - DMG

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
Electric Double Layer Capacitors
logo
RUBYCON CORPORATION
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com