Electronic Components Datasheet Search
  English  ▼

X  

HRX Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # HRX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HRX Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  HRX Datasheet HTML 1Page - RUBYCON CORPORATION HRX Datasheet HTML 2Page - RUBYCON CORPORATION HRX Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
16
12.5
5
7.5
18
0.8
25
35
50
1600
2000
2200
2700
3300
3600
3900
4300
5100
1100
1300
1600
1800
2400
2400
2700
3000
3300
510
620
680
820
1100
1100
1200
1300
1600
1020
1650
1980
1270
2060
1390
2470
2250
2690
1020
1650
1980
1270
2060
1390
2470
2250
2690
1040
1700
2040
1290
2090
1400
2500
2270
2710
1830
2350
2660
2300
2940
2510
3320
3200
3620
1830
2350
2660
2300
2940
2510
3320
3200
3620
1880
2420
2740
2330
2980
2520
3360
3230
3650
0.070
0.057
0.051
0.047
0.038
0.044
0.034
0.036
0.032
0.070
0.057
0.051
0.047
0.038
0.044
0.034
0.036
0.032
0.066
0.054
0.048
0.045
0.037
0.043
0.033
0.035
0.031
1770
2070
2260
2220
2580
2430
2810
2820
3060
1770
2070
2260
2220
2580
2430
2810
2820
3060
1820
2120
2320
2250
2620
2440
2850
2830
3090
2290
2670
2910
2870
3330
3130
3630
3640
3960
2290
2670
2910
2870
3330
3130
3630
3640
3960
2350
2740
2990
2910
3380
3160
3680
3660
3990
3080
3580
3910
3850
4470
4210
4870
4880
5310
3080
3580
3910
3850
4470
4210
4870
4880
5310
3160
3680
4020
3910
4540
4240
4940
4910
5350
12.5×20
12.5×23
12.5×25
16×20
16×23
18×20
16×25
18×23
18×25
12.5×20
12.5×23
12.5×25
16×20
16×23
18×20
16×25
18×23
18×25
12.5×20
12.5×23
12.5×25
16×20
16×23
18×20
16×25
18×23
18×25
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
HRX
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
ESR
(Ω/20℃,
100kHz)
Rated ripple current
I0(mArms/
135℃,100kHz)
Rated ripple current
I0(mArms/
125℃,100kHz)
MAX ripple current
IMAX(mArms/
135℃,100kHz)
MAX ripple current
IMAX(mArms/
125℃,100kHz)
MAX ripple current
IMAX(mArms/
105℃,100kHz)
◆STANDARD SIZE
Rated ripple current I0:Ripple current continuous operation within endurance lifetime.
Maximum ripple current IMAX:Maximum ripple current continuous operation.Estimated lifetime complies with our lifetime calculation fomula.
L+1.5MAX
15MIN
4MIN
φd
φD+0.2MAX
LAMINATED CASE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com