Electronic Components Datasheet Search
  English  ▼

X  

TC1030 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1030
Description  Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1030 Datasheet(HTML) 3 Page - Microchip Technology

  TC1030 Datasheet HTML 1Page - Microchip Technology TC1030 Datasheet HTML 2Page - Microchip Technology TC1030 Datasheet HTML 3Page - Microchip Technology TC1030 Datasheet HTML 4Page - Microchip Technology TC1030 Datasheet HTML 5Page - Microchip Technology TC1030 Datasheet HTML 6Page - Microchip Technology TC1030 Datasheet HTML 7Page - Microchip Technology TC1030 Datasheet HTML 8Page - Microchip Technology TC1030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21341B-page 3
TC1030
TC1030 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD =3.0V; TA = -40° to +85°C, and VDD = 1.8V to 5.5V, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ISRC
Output Source Current
3
—
—
mA
VIN+= VDD,VIN-= VSS
Output ShortedtoVSS
VDD =1.8V; Gain = 1
ISINK
DC Output Sink Current
4
—
—
mA
VIN+= VSS,VIN-= VDD
Output ShortedtoVDD
VDD =1.8V; Gain = 1
En
Input Noise Voltage
—
10
—
µVpp 0.1Hz to 10Hz
en
Input Noise Voltage Density
—
125
—
nV/
√HZ 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com