Electronic Components Datasheet Search
  English  ▼

X  

LSA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSA
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSA Datasheet HTML 1Page - RUBYCON CORPORATION LSA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliance.
0.25(20℃,120Hz)
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSA
SERIES
LSA
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
−25∼+85℃
350∼450Vdc
±20%
(20℃,
120Hz)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
85℃ 20000 hours, High Ripple Current, Screw Terminal Type
◆FEATURES
Load Life : 85℃ 20000 hours
After applying rated voltage with rated ripple current for 20000 hours at 85℃,
the capacitors shall meet the following requirements.
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
□□
Clamp Code
φD
64
77
90
64
77
90
40.0
47.0
54.0
38.0
44.5
50.8
45.0
53.0
60.0
43.0
49.0
56.0
4.5
4.5
4.5
4.5
4.5
4.5
7.0
6.0
6.0
8.0
7.0
8.0
12
12
14
14
14
16
W1
W2
W3
W4
W5
28.2
31.4
31.4
28.2
31.4
31.4
F
◆Dimensions in mm (not to scale)
(mm)
◆PART NUMBER
□□□
Rated Voltage
LSA
Series
□□□□□
Capacitance
M
Capacitance Tolerance
□□□
Option
D×L
Case Size
I=3 CV or 5mA whichever is smaller.(After 5 minutes application of rated voltage)
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60(50)120(100) 300
500
1k
0.80
1.00
1.17
1.23
1.30
10k≦
1.40
〈I type〉
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
Mounting
〈Y type〉
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal
Bolt
Mounting
W5
M5 P=0.8Bolt
F±1
W3
Vent
Clamp
Bolt
F±1
W4
W3
Vent
W5
Clamp
Bolt
M5 P=0.8Bolt


Similar Part No. - LSA

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LSA DIT-LSA Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
SHINMEI ELECTRIC CO., L...
LSA-1112J5 SHINMEI-LSA-1112J5 Datasheet
87Kb / 1P
Normally open type leaf switch
LSA-1119E SHINMEI-LSA-1119E Datasheet
74Kb / 2P
Normally open type leaf switch
LSA-1119F SHINMEI-LSA-1119F Datasheet
74Kb / 2P
Normally open type leaf switch
LSA-1119G SHINMEI-LSA-1119G Datasheet
74Kb / 2P
Normally open type leaf switch
More results

Similar Description - LSA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSTL NIC-NSTL Datasheet
55Kb / 2P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com