Electronic Components Datasheet Search
  English  ▼

X  

MH5 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MH5
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MH5 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MH5_15 Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MH5
SERIES
MH5
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼50Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA)
C=Capacitance(μF)
V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
8
6.3
5
10
4
16
3
25
3
35
3
50
332222
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 1000 hours at 105℃,
the capacitors shall meet the following requirements.
105℃ 5mm Height
◆FEATURES
・RoHS compliance.
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
MH5
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120 500
1k 10k≦
0.50 1.00 1.20 1.30 1.50
0.65
0.47∼1μF
2.2∼4.7μF
1.00 1.20 1.30 1.50
0.80
10∼47μF
1.00 1.20 1.30 1.50
0.80
100μF
1.00 1.10 1.15 1.20
16
50
0.47
1
2.2
3.3
4.7
10
22
33
47
100
6.3×5
62
6.3×5
52
5×5
34
5×5
28
25
10
22
33
47
6.3×5
44
6.3×5
48
6.3×5
56
5×5
22
10
22
33
47
100
6.3×5
48
6.3×5
56
6.3×5
62
5×5
31
4×5
20
35
4.7
10
22
6.3×5
48
5×5
24
4×5
17
6.3×5
28
5×5
18
4×5
14
4×5
13
4×5
8
4×5
4
22
33
47
100
6.3×5
57
5×5
37
5×5
30
4×5
23
6.3
10
◆STANDARD SIZE Size φD×L(mm), Rated Ripple Current (mA r.m.s./105℃, 120Hz)
Vdc
Vdc
Vdc
Cap
(μF)
Size
(φDxL)
Rated Ripple
Current
Cap
(μF)
Size
(φDxL)
Rated Ripple
Current
Cap
(μF)
Size
(φDxL)
Rated Ripple
Current
◆DIMENSIONS
(mm)
φD
φd
F
4
1.5
5
0.45
2.0
6.3
2.5
◆OPTION
Rated Voltage
(Vdc)
tanδ
0.28
6.3
0.24
10
0.20
16
0.16
25
0.13
35
0.12
50 (20℃,
120Hz)
PET Sleeve
Code
EFC
L+1.5MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)


Similar Part No. - MH5_15

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
MH50 FLEXTRAL-MH50 Datasheet
319Kb / 1P
MH50 Corrugated Material Conducting
V08.23
MH50-1000 FLEXTRAL-MH50-1000 Datasheet
319Kb / 1P
MH50 Corrugated Material Conducting
V08.23
MH50-1200 FLEXTRAL-MH50-1200 Datasheet
319Kb / 1P
MH50 Corrugated Material Conducting
V08.23
MH50-200 FLEXTRAL-MH50-200 Datasheet
319Kb / 1P
MH50 Corrugated Material Conducting
V08.23
MH50-300 FLEXTRAL-MH50-300 Datasheet
319Kb / 1P
MH50 Corrugated Material Conducting
V08.23
More results

Similar Description - MH5_15

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com