Electronic Components Datasheet Search
  English  ▼

X  

MMK Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MMK
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMK Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MMK_15 Datasheet HTML 1Page - RUBYCON CORPORATION MMK_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆PART NUMBER
METALLIZED POLYESTER FILM CAPACITORS
MMK
SERIES
MMK
◆SPECIFICATIONS
±10%(K)
0.01max at 1kHz
UR×150% 60s
C≦0.33μF:9000MΩmin
C>0.33μF:3000ΩFmin
JIS C 5101-2, JIS C 5101-1
100Vdc, 450Vdc, 630Vdc
Category Temperature Range
Rated Voltage (UR)
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PERMISSIBLE CURRENT FOR FREQUENCY
−40℃∼+105℃
(Derate the voltage as shown in the "CAUTION FOR PROPER USE OF FILM CAPACITORS"
 when using the capacitor beyond 85℃.)
◆OUTLINE
(mm)
□□□
Rated Voltage
MMK
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
□
Capacitance Tolerance
◆FEATURES
・For applications where high frequency and high current are required.
(Switching power supply, lighting inverter, etc)
・Coated with flame-retardant (UL94 V-0) epoxy resin.
・RoHS compliance.
High Ripple Current
Blank
H7,Y7,17
S7,W7,Q7
A max
F
B max
φd±0.05
F
LS
F
LS
100Vdc
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
226
106
475
450Vdc
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
475
225
105
474
224
630Vdc
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
105
474
274


Similar Part No. - MMK_15

ManufacturerPart #DatasheetDescription
logo
MacMic
MMK110A120B MACMIC-MMK110A120B Datasheet
272Kb / 4P
110A Thyristor Module
MMK110A140B MACMIC-MMK110A140B Datasheet
272Kb / 4P
110A Thyristor Module
MMK110A160B MACMIC-MMK110A160B Datasheet
272Kb / 4P
110A Thyristor Module
MMK110A160DA MACMIC-MMK110A160DA Datasheet
369Kb / 4P
110A Thyristor Module
MMK110A160DK MACMIC-MMK110A160DK Datasheet
369Kb / 4P
110A Thyristor Module
More results

Similar Description - MMK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com