Electronic Components Datasheet Search
  English  ▼

X  

SOT89 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SOT89
Description  Tape reel SMD; standard product orientation 12NC ending 115
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT89 Datasheet(HTML) 2 Page - NXP Semiconductors

  SOT89 Datasheet HTML 1Page - NXP Semiconductors SOT89 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NXP Semiconductors
SOT89
Tape reel SMD; standard product orientation 12NC ending 115
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 26 November 2012
Document identifier: SOT89_115
Limited warranty and liability
Information in this document is believed to be accurate and reliable. However, NXP
Semiconductors does not give any representations or warranties, expressed or implied, as
to the accuracy or completeness of such information and shall have no liability for the
consequences of use of such information.
2.
Product orientation
3.
Carrier tape dimensions
Fig 2.
Product orientation in carrier tape
Standard product orientation SOT89
direction of feed
Fig 3.
Carrier tape dimensions
Table 2.
Carrier tape dimensions
In accordance with IEC 60286-3.
A0 (mm)
B0 (mm)
K0 (mm)
T (mm)
P1 (mm)
W (mm)
4.2
4.7
1.85
-
8.0
12
K0
mdb579
A0
4
P1
B0
W
direction of feed



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com