Electronic Components Datasheet Search
  English  ▼

X  

TC105 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 3 Page - Microchip Technology

  TC105 Datasheet HTML 1Page - Microchip Technology TC105 Datasheet HTML 2Page - Microchip Technology TC105 Datasheet HTML 3Page - Microchip Technology TC105 Datasheet HTML 4Page - Microchip Technology TC105 Datasheet HTML 5Page - Microchip Technology TC105 Datasheet HTML 6Page - Microchip Technology TC105 Datasheet HTML 7Page - Microchip Technology TC105 Datasheet HTML 8Page - Microchip Technology TC105 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21349B-page 3
TC105
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1
EXT
Switch transistor control output. This terminal connects to the gate of an external P-channel
MOSFET (or to the base of an external PNP transistor through a current limiting resistor).
2VDD
Power supply voltage input.
3
GND
Ground terminal.
4
SHDN
Shutdown input (active low). The device enters a low power shutdown state when this input is
brought low. During shutdown, regulator action is suspended, and supply current is reduced to
less than 0.5
µA. The device resumes normal operation when SHDN is again brought high.
5VOUT
Voltage sense input. This input senses output voltage for regulation and must be connected to the
output voltage node as shown in the application schematic in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com