Electronic Components Datasheet Search
  English  ▼

X  

TC-1189 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC-1189
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC-1189 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC-1189 Datasheet HTML 2Page - Microchip Technology TC-1189 Datasheet HTML 3Page - Microchip Technology TC-1189 Datasheet HTML 4Page - Microchip Technology TC-1189 Datasheet HTML 5Page - Microchip Technology TC-1189 Datasheet HTML 6Page - Microchip Technology TC-1189 Datasheet HTML 7Page - Microchip Technology TC-1189 Datasheet HTML 8Page - Microchip Technology TC-1189 Datasheet HTML 9Page - Microchip Technology TC-1189 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1188/TC1189
DS21364B-page 6
 2002 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Detailed Description
The TC1188/TC1189 devices are fixed output, low
dropout linear regulators. Utilizing CMOS construction,
the internal quiescent current consumed by the regula-
tor is minimized when compared to older bipolar low
dropout regulators.
The LDO output voltage is sensed at the non-inverting
pin of the internal error amplifier. The internal voltage
reference is sensed at the inverting pin of the internal
error amplifier. The error amplifier adjusts the gate
source voltage of the internal P-channel pass device
until the divided down output voltage matches the inter-
nal reference voltage. When it does, the LDO output
voltage is in regulation.
The SHDN, when pulled low, is used to turn off the P-
Channel MOSFET and lower the internal quiescent
current to less than 1 µA maximum. For normal opera-
tion, the SHDN pin is pulled to a high level. (> 2.0V).
The TC1189 incorporates an internal N-Channel MOS-
FET, which is used to discharge the output capacitor
when shutdown. The TC1188 does not have the inter-
nal N-Channel MOSFET, therefore, when the device is
shutdown, the output voltage will decrease at a rate
which is dependant on the load current.
3.2
Turn-On Response
The turn-on response is defined as two separate
response categories: Wake-Up Time (tWK) and Settling
Time (tS).
The TC1188/TC1189 have fast wake-up times (10 µsec
typical) when released from shutdown. See Figure 3-1
for the wake-up time, designated as tWK. The wake-up
time is defined as the time it takes for the output to rise
to 2% of the VOUT value after being released from shut-
down.
The total turn on response is defined as the Settling
Time (tS) (Figure 3-1). Settling Time (inclusive with tWK)
is defined as the condition when the output is within 2%
of its fully enabled value (140 µsec typical) when
released from shutdown. The settling time of the output
voltage is dependent on load conditions and output
capacitance on VOUT (RC response).
FIGURE 3-1:
Wake-Up Response Time.
3.3
Internal P-Channel Pass
Transistor
The Internal P-Channel MOSFET is operated in the lin-
ear region to regulate the LDO output voltage. The
RDSon of the P-Channel MOSFET is approximately
1.1
Ω, making the LDO able to regulate with little input
to output voltage differential, "Low Dropout". Another
benefit of using CMOS construction is that the P-Chan-
nel MOSFET is a voltage controlled device, so it
doesn't consume a fraction of the bias current required
of bipolar PNP LDOs.
Symbol
Description
SHDN
Active Low Shutdown Input. When the SHDN input is low (< 0.2V), the quiscent current for the
TC1188/TC1189 is reduced to 0.1 nA. When the input voltage to the SHDN pin is high (> 2.0V) the
output of the TC1188/TC1189 is enabled. For the TC1189 only, the output capacitor is discharged by
an internal switch when the SHDN is low.
GND
Ground. Connect to ground.
VIN
Unregulated Input Voltage. The input voltage can range from 2.7V to 6.0V.
VOUT
Regulator Output. Sources up to 120 mA. Bypass with a 1 µF, <1
Ω typical ESR capacitor to GND.
GND
Connect to GND.
VIH
tS
tWK
VOUT
98%
2%
VIL
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com