Electronic Components Datasheet Search
  English  ▼

X  

050_340 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050_340
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_340 Datasheet(HTML) 3 Page - Glenair, Inc.

  050_340 Datasheet HTML 1Page - Glenair, Inc. 050_340 Datasheet HTML 2Page - Glenair, Inc. 050_340 Datasheet HTML 3Page - Glenair, Inc. 050_340 Datasheet HTML 4Page - Glenair, Inc. 050_340 Datasheet HTML 5Page - Glenair, Inc. 050_340 Datasheet HTML 6Page - Glenair, Inc. 050_340 Datasheet HTML 7Page - Glenair, Inc. 050_340 Datasheet HTML 8Page - Glenair, Inc. 050_340 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2015 Glenair, Inc.
REV: 4
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 3 of 14
E-mail: sales@glenair.com
050-340 Product Brief
PCB Mount Bi-Directional 1310/1550 Single Fiber
Transceiver, 125 Mbps – 1.25 Gbps, SMF, 3.3V
Ratings and Specifications
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.4
3.8
V
VccT & VccR may not differ by
more than 0.5V
OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature
Top
-40
+85
°C
Supply Voltage
Vcc
3.135
3.3
3.465
V
Supply Current
Icc
210
250
mA
Typical @ +85°C
Power Supply Noise (Peak-Peak)
Vcc_ripple
100
mV
ELECTRO-OPTICAL CHARACTERISTICS – 1310 TRANSMITTER SECTION (T13)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power
POUT
-9
-5
-2
dBm
Extinction Ratio
Er
7
9
dB
Optical Wavelength, T13
λ
OUT
1260
1310
1360
nm
Typical is at 25
°C
Optical Wavelength, T15
λ
OUT
1500
1550
1600
nm
Typical is at 25
°C
Spectral Width, rms
Δλ
2
3
nm
Transmitter Differential Input Impedance
Rin
100
Ohms
AC coupled Internally
Differential Input Voltage
Vin_d
250
2200
mVp-p
CML, 100 ohm
ELECTRO-OPTICAL CHARACTERISTICS - RECEIVER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity, BER 10
-12, PRBS 2-7-1, Er 10 dB
PIN
-26
-23
dBm
PIN PD @ 1.25 Gbps
Sensitivity, BER 10
-12, PRBS 2-7-1, Er 10 dB
PIN
-29
-26
dBm
PIN PD @ 125 Mbps
Overload, BER 10
-12, PRBS 2-7-1
PIN
-1
dBm
@1.25Gbps
Optical Wavelength, R13
λ
IN
1250
1370
nm
Optical Wavelength, R15
λ
IN
1490
1610
nm
Receiver Differential Output Impedance
Rout
100
Ohms
AC coupled internally
Differential Output Voltage Swing
Vout_d
600
1200
mV
CML, 100 ohm
LOS Assert Level
LOS
-27
dBm
@ 1.25Gbps
LOS Hysteresis
LOSHYS
1.25
2.5
dB
@ 1.25Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com