| Electronic Components Datasheet Search |
|
RFM64B Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RFM64B Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 75 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 39 of 75 RFM 64B Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com 5.2.2.3. Interrupt Sources and Flags All interrupt sources and flags are configured in the IRQParam section of the configuration register, with the exception of Fifo_threshold : /Fifoempty: /Fifoempty interrupt source is low when byte 0, i.e. whole FIFO, is empty. Otherwise it is high. Write_byte: Write_byte interrupt source goes high for 1 bit period each time a new byte is transferred from the SR to the FIFO (i.e. each time a new byte is received) Fifofull: Fifofull interrupt source is high when the last FIFO byte, i.e. the whole FIFO, is full. Otherwise it is low. Fifo_overrun_clr: Fifo_overrun_clr flag is set when a new byte is written by the user (in Tx or Standby modes) or the SR (in Rx mode) while the FIFO is already full. In this case, data is lost and the flag should be cleared by writing a 1. The bit can also be used anytime to clear FIFO and relaunch a new Rx or Tx process Tx_done: Tx_done interrupt source goes high when FIFO is empty and the SR‟s last bit has been send to the modulator (i.e. the last bit of the packet has been sent). One bit period delay is required after the rising edge of Tx_done to ensure correct RF transmission of the last bit. In practice this may not require special care in the uC software due to IRQ processing time. Fifo_threshold: Fifo_threshold interrupt sou rce‟s behavior can be programmed via MCParam_Fifo_thresh (B value). This behavior is illustrated in Figure 32. IRQ source 1 0 B B+1 # of bytes in FIFO Figure 32: FIFO Threshold IRQ Source Behavior 5.2.2.4. FIFO Clearing Table 16 below summarizes the status of the FIFO when switching between different modes Table 16: Status of FIFO when Switching Between Different Modes of the module From To FIFO Status Comments Stby Tx Cleared In Buffered mode, FIFO cannot be written in Stby before Tx Not cleared In Packet mode, FIFO can be written in Stby before Tx Stby Rx Cleared Rx Tx Cleared Rx Stby Not cleared In Packet & Buffered modes FIFO can be read in Stby after Rx Tx Rx Cleared Tx Stby Not cleared Any Sleep Cleared 5.2.3. Sync Word Recognition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |