Electronic Components Datasheet Search
  English  ▼

X  

PIC16LC62B-20/P Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16LC62B-20/P
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 45Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 46Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 47Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 48Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 49Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 50Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 51Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 52Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
PIC16C62B/72A
© 1999 Microchip Technology Inc.
Preliminary
DS35008B-page 49
9.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The analog-to-digital (A/D) converter module has five
input channels.
The A/D allows conversion of an analog input signal to
a corresponding 8-bit digital number (refer to Applica-
tion Note AN546 for use of A/D Converter). The output
of the sample and hold is the input into the converter,
which generates the result via successive approxima-
tion. The analog reference voltage is software select-
able to either the device’s positive supply voltage (VDD)
or the voltage level on the RA3/AN3/VREF pin.
The A/D converter has the feature of being able to
operate while the device is in SLEEP mode. To operate
in sleep, the A/D conversion clock must be derived from
the A/D’s internal RC oscillator.
Additional information on the A/D module is available in
the
PICmicro™
Mid-Range
Reference
Manual,
(DS33023).
The A/D module has three registers. These registers
are:
• A/D Result Register (ADRES)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
A device reset forces all registers to their reset state.
This forces the A/D module to be turned off, and any
conversion is aborted.
The ADCON0 register, shown in Figure 9-1, controls
the operation of the A/D module. The ADCON1 regis-
ter, shown in Figure 9-2, configures the functions of the
port pins. The port pins can be configured as analog
inputs (RA3 can also be a voltage reference) or as dig-
ital I/O.
REGISTER 9-1:ADCON0 REGISTER (ADDRESS 1Fh)
Note:
This section applies to the PIC16C72A
only.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
ADCS1 ADCS0
CHS2
CHS1
CHS0
GO/DONE
—
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
ADCS1:ADCS0: A/D Conversion Clock Select bits
00
= FOSC/2
01
= FOSC/8
10
= FOSC/32
11
= FRC (clock derived from an internal RC oscillator)
bit 5-3: CHS2:CHS0: Analog Channel Select bits
000
= channel 0, (RA0/AN0)
001
= channel 1, (RA1/AN1)
010
= channel 2, (RA2/AN2)
011
= channel 3, (RA3/AN3)
100
= channel 4, (RA5/AN4)
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1
= A/D conversion in progress (setting this bit starts the A/D conversion)
0
= A/D conversion not in progress (This bit is automatically cleared by hardware when the A/D
conversion is complete)
bit 1:
Unimplemented: Read as '0'
bit 0:
ADON: A/D On bit
1
= A/D converter module is operating
0
= A/D converter module is shutoff and consumes no operating current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com