Electronic Components Datasheet Search
  English  ▼

X  

TC1305 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology TC1305 Datasheet HTML 10Page - Microchip Technology TC1305 Datasheet HTML 11Page - Microchip Technology TC1305 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC1305
DS21526A-page 8
© 2002 Microchip Technology Inc.
6.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
25
50
75
100
125 150
0
25
50
75
100
125 150
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
Dropout Voltage1 vs. Load Current
(SELECT = NC)
LOAD CURRENT (mA)
LOAD CURRENT (mA)
-45
°C
25
°C
130
°C
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
Dropout Voltage1 vs. Load Current
(SELECT = VDD)
-45
°C
25
°C
0
25
50
75
100
125 150
LOAD CURRENT (mA)
Dropout Voltage2 vs. Load Current
(SELECT = VDD)
-45
°C
25
°C
0.25
0.20
0.15
0.10
0.05
0.00
130
°C
130
°C
130
°C
-45
-20
5
30
55
80
105 130
3
3.5
4
4.5
5
5.5
6
Load Regulation
vs. Temperature
TEMPERATURE (
°C)
IL = 0.1 to 150mA
0.600
0.500
0.400
0.300
0.200
0.100
0.000
IDD vs. VDD
(SELECT = GND)
VDD (V)
150
0
25
50
75
100
125 150
LOAD CURRENT (mA)
Dropout Voltage2 vs. Load Current
(SELECT = VDD)
-45
°C
25
°C
0.25
0.20
0.15
0.10
0.05
0.00
140
120
100
80
60
40
20
0
-45
°C 25°C
130
°C
-40
-20
5
30
55
80
105 125
2.70
2.68
2.66
2.64
2.62
2.60
2.58
2.56
2.54
2.52
2.50
VCC Trip Point vs.
Temperature (
°C)
TEMPERATURE (
°C)
TEMPERATURE (
°C)
130
100
-40
-20
5
30
55
80
105 125
VDD = 6.0V
VDD = 3.0V
IDD vs. Temperature
(SELECT = NC)
TEMPERATURE (
°C)
140
120
110
90
80
-40 -20
5
30
55
80
105 125
400
350
300
250
200
150
100
50
0
Reset Active Time vs.
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com