Electronic Components Datasheet Search
  English  ▼

X  

VXK Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # VXK
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXK Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  VXK Datasheet HTML 1Page - RUBYCON CORPORATION VXK Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
Cap(μF)
150
180
220
270
330
390
470
560
680
820
1000
1200
22×25
22×30
22×35
22×40
22×50
22×55
1.01
1.17
1.33
1.52
1.78
1.97
25×25
25×30
25×35
25×40
25×45
25×50
25×55
1.13
1.31
1.50
1.70
1.89
2.10
2.31
30×25
30×30
30×30
30×35
30×40
30×50
30×55
1.33
1.55
1.60
1.82
2.04
2.42
2.64
35×25
35×30
35×35
35×40
35×45
35×50
35×60
1.43
1.68
1.92
2.15
2.37
2.58
2.95
22×25
22×30
22×35
22×40
22×45
22×50
22×60
0.92
1.08
1.23
1.40
1.58
1.78
2.02
25×25
25×30
25×35
25×40
25×45
25×55
1.12
1.30
1.49
1.69
1.88
2.17
30×25
30×30
30×35
30×40
30×50
30×55
1.32
1.54
1.75
1.96
2.29
2.51
35×25
35×30
35×35
35×40
35×45
35×50
35×60
1.40
1.64
1.85
2.07
2.29
2.50
2.89
22×25
22×30
22×35
22×40
22×50
22×55
0.93
1.09
1.24
1.41
1.65
1.85
25×25
25×30
25×35
25×40
25×45
25×50
25×60
1.06
1.22
1.39
1.58
1.78
1.97
2.26
30×25
30×30
30×35
30×40
30×45
30×50
30×60
1.26
1.46
1.67
1.87
2.08
2.29
2.63
35×25
35×30
35×30
35×35
35×40
35×45
35×55
1.35
1.58
1.61
1.84
2.06
2.28
2.66
◆STANDARD SIZE
φD
φ22
φ25
φ30
φ35
400
Vdc
Cap(μF)
120
150
180
220
270
330
390
470
560
680
820
1000
φD
φ22
φ25
φ30
φ35
420
Vdc
Cap(μF)
120
150
180
220
270
330
390
470
560
680
820
φD
φ22
φ25
φ30
φ35
450
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com