Electronic Components Datasheet Search
  English  ▼

X  

LP5904 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5904
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5904 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5904_15 Datasheet HTML 2Page - Texas Instruments LP5904_15 Datasheet HTML 3Page - Texas Instruments LP5904_15 Datasheet HTML 4Page - Texas Instruments LP5904_15 Datasheet HTML 5Page - Texas Instruments LP5904_15 Datasheet HTML 6Page - Texas Instruments LP5904_15 Datasheet HTML 7Page - Texas Instruments LP5904_15 Datasheet HTML 8Page - Texas Instruments LP5904_15 Datasheet HTML 9Page - Texas Instruments LP5904_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
3.5
4.0
4.5
5.0
5.5
2.740
2.760
2.780
2.800
2.820
2.840
VIN(V)
50 A
500 A
1mA
10 mA
100 mA
200 mA
SVA
0
50
100
150
200
2.740
2.760
2.780
2.800
2.820
2.840
IOUT(mA)
VIN = 3.8V
VIN = 5.0V
VIN = 5.5V
0
50
100
150
LOAD CURRENT (mA)
-1.000%
100
oC
200
-0.5000%
0.000%
0.500%
1.000%
-40
oC
25
oC
85
oC
SVA-30110403
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
IOUT(mA)
VIN = 3.0V
VIN = 3.8V
VIN = 4.2V
VIN = 5.5V
SV
2.2
2.7
3.2
3.7
4.2
4.7
5.2
5.7
0
5
10
15
20
25
30
35
40
45
50
VIN(V)
Dropout Region
SVA-30110460
0
50
100
150
200
250
0
50
100
150
200
250
IOUT(mA)
-40°C
25°C
85°C
125°C
SVA
LP5904
SNVS637G – MARCH 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS
Unless otherwise noted, VOUT = 2.8V, VIN = 3.8V, EN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, TA = 25°C.
Iq
Ground Current
vs
vs
VIN
IOUT
Figure 2.
Figure 3.
Ground Current
VOUT Variation
vs
vs
IOUT
IOUT
Figure 4.
Figure 5.
VOUT
VOUT
vs
vs
VIN
IOUT
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com