Electronic Components Datasheet Search
  English  ▼

X  

LP38869 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP38869
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38869_15 Datasheet HTML 2Page - Texas Instruments LP38869_15 Datasheet HTML 3Page - Texas Instruments LP38869_15 Datasheet HTML 4Page - Texas Instruments LP38869_15 Datasheet HTML 5Page - Texas Instruments LP38869_15 Datasheet HTML 6Page - Texas Instruments LP38869_15 Datasheet HTML 7Page - Texas Instruments LP38869_15 Datasheet HTML 8Page - Texas Instruments LP38869_15 Datasheet HTML 9Page - Texas Instruments LP38869_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
250
500
750 1000 1250 1500
0
50
100
150
200
250
300
350
400
450
OUTPUT CURRENT (mA)
RDS(ON)= 200 m
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
INPUT VOLTAGE (V)
IOUT= 500mA
LP38869
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = 5.0V, VSHDN = VIN, VSET = 0.0V, VOUT = 2.5V, SS = Open, CIN = 1 µF, COUT = 1 µF
MLCC, IOUT = 100mA
IGND vs IOUT, VIN = 5.5V
IGND vs Temperature (TJ), VIN = 2.7V
Figure 8.
Figure 9.
IGND vs Temperature (TJ), VIN = 3.0V
IGND vs Temperature (TJ), VIN = 5.5V
Figure 10.
Figure 11.
Dropout Voltage (VDO) vs IOUT
Dropout Voltage (VDO) vs VIN
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com