Electronic Components Datasheet Search
  English  ▼

X  

PESDXS1UB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PESDXS1UB
Description  ESD protection diodes in SOD523 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PESDXS1UB Datasheet HTML 7Page - NXP Semiconductors PESDXS1UB Datasheet HTML 8Page - NXP Semiconductors PESDXS1UB Datasheet HTML 9Page - NXP Semiconductors PESDXS1UB Datasheet HTML 10Page - NXP Semiconductors PESDXS1UB Datasheet HTML 11Page - NXP Semiconductors PESDXS1UB Datasheet HTML 12Page - NXP Semiconductors PESDXS1UB Datasheet HTML 13Page - NXP Semiconductors PESDXS1UB Datasheet HTML 14Page - NXP Semiconductors PESDXS1UB Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PESDXS1UB_SERIES_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
12 of 15
NXP Semiconductors
PESDxS1UB series
ESD protection diodes in SOD523 package
9.
Packing information
[1]
For further information see Section 12.
Table 9.
Possible packing methods
The indicated -xxx are the last three digits of the 12 NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PESD3V3S1UB
SOD523
4 mm pitch, 8 mm tape and reel
−115
−135
PESD5V0S1UB
SOD523
4 mm pitch, 8 mm tape and reel
−115
−135
PESD12VS1UB
SOD523
4 mm pitch, 8 mm tape and reel
−115
−135
PESD15VS1UB
SOD523
4 mm pitch, 8 mm tape and reel
−115
−135
PESD24VS1UB
SOD523
4 mm pitch, 8 mm tape and reel
−115
−135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com