Electronic Components Datasheet Search
  English  ▼

X  

TC4403MJA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4403MJA
Description  1.5A High-Speed, Floating Load Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403MJA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4403MJA Datasheet HTML 4Page - Microchip Technology TC4403MJA Datasheet HTML 5Page - Microchip Technology TC4403MJA Datasheet HTML 6Page - Microchip Technology TC4403MJA Datasheet HTML 7Page - Microchip Technology TC4403MJA Datasheet HTML 8Page - Microchip Technology TC4403MJA Datasheet HTML 9Page - Microchip Technology TC4403MJA Datasheet HTML 10Page - Microchip Technology TC4403MJA Datasheet HTML 11Page - Microchip Technology TC4403MJA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC4403
DS21417B-page 8
 2002 Microchip Technology Inc.
TYPICAL CHARACTERISTICS (CONTINUED)
Delay Time vs. Supply Voltage
50
45
40
35
30
25
20
4
6
8
10
12
14
16
18
VDD (V)
C
T
°C
tD1
tD2
1
0.1
0.01
4
6
8
10
12
14
16
18
Quiescent Current vs. Voltage
BOTH INPUTS = 1
BOTH INPUTS = 0
VDD (V)
TA = +25°C
C
5.7
5.1
4.5
3.9
3.3
2.7
2.1
0
1.5
75
150
225
300
75 HOURS
525
2.768V
HOURS OF SERVICE
+
+
2.727V
Typical Discharge Characteristics
+
+
Delay Time vs. Temperature
50
45
40
35
30
25
20
-55 -35 -15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
C
CLOAD = 2200pF
tD1
tD2
-55 -35 -15
5
25
45
65
85 105 125
Quiescent Current vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
INPUTS = 1
INPUTS = 0
TEMPERATURE (
°C)
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8
8 Pin CERDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com