Electronic Components Datasheet Search
  English  ▼

X  

PCA9955 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9955
Description  16-channel Fm I2C-bus 57 mA constant current LED driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9955 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9955 Datasheet HTML 35Page - NXP Semiconductors PCA9955 Datasheet HTML 36Page - NXP Semiconductors PCA9955 Datasheet HTML 37Page - NXP Semiconductors PCA9955 Datasheet HTML 38Page - NXP Semiconductors PCA9955 Datasheet HTML 39Page - NXP Semiconductors PCA9955 Datasheet HTML 40Page - NXP Semiconductors PCA9955 Datasheet HTML 41Page - NXP Semiconductors PCA9955 Datasheet HTML 42Page - NXP Semiconductors PCA9955 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PCA9952_PCA9955
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7.1 — 29 June 2015
39 of 48
NXP Semiconductors
PCA9952; PCA9955
16-channel Fm+ I2C-bus 57 mA constant current LED driver
16. Package outline
Fig 25. Package outline SOT1172-2 (HTSSOP28)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1172-2
- - -
MO-153
- - -
sot1172-2_po
Unit
mm
max
nom
min
1.1
0.15
0.10
0.05
0.25
0.30
0.22
0.19
9.8
9.7
9.6
5.6
5.5
5.4
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
HTSSOP28: plastic thermal enhanced thin shrink small outline package; 28 leads;
body width 4.4 mm; lead pitch 0.65 mm; exposed die pad
SOT1172-2
A1
A2
0.95
0.90
0.85
A3
bp
0.75
0.62
0.50
0.40
0.37
0.3
0.2
Lp
Qv
c
0.20
0.15
0.10
D(1)
Dh
E(2)
4.5
4.4
4.3
Eh
2.3
2.2
2.1
e
0.65
1.0
6.6
6.4
6.2
HE
L
0.1
0.80
0.63
0.50
8°
4°
0°
yZ
θ
0.13
w
0
2.5
5 mm
scale
y
exposed die pad side
D
Dh
Z
bp
w
Eh
e
pin 1 index
14
1
28
15
detail X
Q
A
A3
θ
A1
A2
Lp
L
c
X
HE
vA
E
A
10-07-06
10-07-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com