Electronic Components Datasheet Search
  English  ▼

X  

TC534CKW Datasheet(PDF) 18 Page - Microchip Technology

Part # TC534CKW
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC534CKW Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC534CKW Datasheet HTML 14Page - Microchip Technology TC534CKW Datasheet HTML 15Page - Microchip Technology TC534CKW Datasheet HTML 16Page - Microchip Technology TC534CKW Datasheet HTML 17Page - Microchip Technology TC534CKW Datasheet HTML 18Page - Microchip Technology TC534CKW Datasheet HTML 19Page - Microchip Technology TC534CKW Datasheet HTML 20Page - Microchip Technology TC534CKW Datasheet HTML 21Page - Microchip Technology TC534CKW Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TC530/TC534
DS21433B-page 18
© 2002 Microchip Technology Inc.
7.3
Package Dimensions (Continued)
.299 (7.59)
.291 (7.40)
.103 (2.62)
.097 (2.46)
8
˚ MAX.
.713 (18.11)
.697 (17.70)
.019 (0.48)
.014 (0.36)
.419 (10.65)
.398 (10.10)
PIN 1
.050 (1.27)
.016 (0.40)
.013 (0.33)
.009 (0.23)
.012 (0.30)
.004 (0.10)
28-Pin SOIC (Wide)
Dimensions: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
˚MAX.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
PIN 1
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com