Electronic Components Datasheet Search
  English  ▼

X  

TC59 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC59 Datasheet HTML 10Page - Microchip Technology TC59 Datasheet HTML 11Page - Microchip Technology TC59 Datasheet HTML 12Page - Microchip Technology TC59 Datasheet HTML 13Page - Microchip Technology TC59 Datasheet HTML 14Page - Microchip Technology TC59 Datasheet HTML 15Page - Microchip Technology TC59 Datasheet HTML 16Page - Microchip Technology TC59 Datasheet HTML 17Page - Microchip Technology TC59 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TC59
DS21438B-page 14
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
60
50
40
30
20
10
0
RIPPLE FREQUENCY (kHz)
VIN = -6.0VDC + 1VP-PAC, CL = 1
µF
IOUT = 20mA, TOPR = 25
°C
TC595002 (-5.0V)
0.01
0.1
1
10
0.01
0.1
1
10
60
50
40
30
20
10
0
RIPPLE FREQUENCY (kHz)
VIN = -6.0VDC + 1VP-PAC, CL = 1
µF
IOUT = 20mA, TOPR = 25
°C
TC595002 (-5.0V)
0.01
0.1
1
10
60
50
40
30
20
10
0
RIPPLE FREQUENCY (kHz)
VIN = -6.0VDC + 1VP-PAC, CL = 1
µF
IOUT = 20mA, TOPR = 25
°C
TC595002 (-5.0V)
9. RIPPLE REJECTION RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com