Electronic Components Datasheet Search
  English  ▼

X  

TC646 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC646
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC646 Datasheet HTML 7Page - Microchip Technology TC646 Datasheet HTML 8Page - Microchip Technology TC646 Datasheet HTML 9Page - Microchip Technology TC646 Datasheet HTML 10Page - Microchip Technology TC646 Datasheet HTML 11Page - Microchip Technology TC646 Datasheet HTML 12Page - Microchip Technology TC646 Datasheet HTML 13Page - Microchip Technology TC646 Datasheet HTML 14Page - Microchip Technology TC646 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2002 Microchip Technology Inc.
DS21446C-page 11
TC646
5.1
Temperature Sensor Design
The temperature signal connected to VIN must output a
voltage in the range of 1.25V to 2.65V (typical) for 0%
to 100% of the temperature range of interest. The
circuit in Figure 5-2 illustrates a convenient way to
provide this signal.
FIGURE 5-2:
Temperature Sensing
Circuit.
Figure 5-2 shows a simple temperature dependent
voltage divider circuit. RT1 is a conventional NTC ther-
mistor, while R1 and R2 are standard resistors. The
supply voltage, VDD, is divided between R2 and the
parallel combination of RT1 and R1. For convenience,
the parallel combination of RT1 and R1 will be referred
to as RTEMP. The resistance of the thermistor at various
temperatures is obtained from the manufacturer’s
specifications. Thermistors are often referred to in
terms of their resistance at 25°C.
Generally, the thermistor shown in Figure 5-2 is a non-
linear device with a negative temperature coefficient
(also called an NTC thermistor). In Figure 5-2, R1 is
used to linearize the thermistor temperature response
and R2 is used to produce a positive temperature
coefficient at the VIN node. As an added benefit, this
configuration produces an output voltage delta of 1.4V,
which is well within the range of the VC(SPAN)
specification of the TC646. A 100 k
Ω NTC thermistor is
selected for this application in order to keep IDIV at a
minimum.
For the voltage range at VIN to be equal to 1.25V to
2.65V, the temperature range of this configuration is
0°C to 50°C. If a different temperature range is required
from this circuit, R1 should be chosen to equal the
resistance value of the thermistor at the center of this
new temperature range. It is suggested that a maxi-
mum temperature range of 50°C be used with this cir-
cuit due to thermistor linearity limitations. With this
change, R2 is adjusted according to the following
equations:
EQUATION
These two equations facilitate solving for the two
unknown variables, R1 and R2. More information about
thermistors may be obtained from AN679, “Tempera-
ture Sensing Technologies”, and AN685, “Thermistors
In Single Supply Temperature Sensing Circuits”, which
can be downloaded from Microchip’s web site at
www.microchip.com.
5.2
Auto-Shutdown Temperature
Design
A voltage divider on VAS sets the temperature where
the part is automatically shut down if the sensed
temperature at VIN drops below the set temperature at
VAS (i.e., VIN < VAS). As with the VIN input, 1.25V to
2.65V corresponds to the temperature range of interest
from T1 to T2, respectively. Assuming that the
temperature sensor network designed above is linearly
related to temperature, the shutdown temperature TAS
is related to T2 and T1 by:
EQUATION
For example, if 1.25V and 2.65V at VIN corresponds to
a temperature range of T1 = 0°C to T2 = 125°C, and the
auto-shutdown temperature desired is 25°C, then VAS
voltage is:
EQUATION
The VAS voltage may be set using a simple resistor
divider as shown in Figure 5-3.
R2 = 23.2kΩ
R1 = 100 kΩ
NTC Thermistor
100 k
Ω@25˚C
IDIV
VIN
VDD
RT1
VDD x R2
RTEMP (T1) + R2
= V(T1)
RTEMP (T2) + R2
= V(T2)
VDD x R2
Where T1 and T2 are the chosen temperatures and
RTEMP is the parallel combination of the thermistor
and R1.
2.65V - 1.25V
T2 - T1
=
VAS - 1.25V
TAS - T1
VAS =
(
( TAS - T1) + 1.25V
1.4V
)
T2 - T1
VAS =
(25 - 0) + 1.25V = 1.53V
1.4V
(125 - 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com