Electronic Components Datasheet Search
  English  ▼

X  

16C554 Datasheet(PDF) 79 Page - Microchip Technology

Part # 16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C554 Datasheet(HTML) 79 Page - Microchip Technology

Back Button 16C554 Datasheet HTML 75Page - Microchip Technology 16C554 Datasheet HTML 76Page - Microchip Technology 16C554 Datasheet HTML 77Page - Microchip Technology 16C554 Datasheet HTML 78Page - Microchip Technology 16C554 Datasheet HTML 79Page - Microchip Technology 16C554 Datasheet HTML 80Page - Microchip Technology 16C554 Datasheet HTML 81Page - Microchip Technology 16C554 Datasheet HTML 82Page - Microchip Technology 16C554 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 79
PIC16C55X(A)
11.0
PACKAGING INFORMATION
Ceramic CERDIP Dual In-Line Family
Notes:
1.
Controlling parameter: inches.
2.
Parameter “e1” (“e”) is non-cumulative.
3.
Seating plane (standoff) is defined by board hole size.
4.
Parameter “B1” is nominal.
Symbol List for Ceramic CERDIP Dual In-Line Package Parameters
Symbol
Description of Parameters
α
Angular spacing between min. and max. lead positions measured at the gauge plane
A
Distance between seating plane to highest point of body (lid)
A1
Distance between seating plane and base plane
A2
Distance from base plane to highest point of body (lid)
A3
Base body thickness
B
Width of terminal leads
B1
Width of terminal lead shoulder which locate seating plane (standoff geometry optional)
C
Thickness of terminal leads
D
Largest overall package parameter of length
D1
Body width parameters not including leads
E
Largest overall package width parameter outside of lead
E1
Body width parameter - end lead center to end lead center
eA
Linear spacing of true minimum lead position center line to center line
eB
Linear spacing between true lead position outside of lead to outside of lead
e1
Linear spacing between center lines of body standoffs (terminal leads)
L
Distance from seating plane to end of lead
N
Total number of potentially usable lead positions
S
Distance from true position center line of Number 1 lead to the extremity of the body
S1
Distance from other end lead edge positions to the extremity of the body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com