Electronic Components Datasheet Search
  English  ▼

X  

TC654 Datasheet(PDF) 29 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 29 Page - Microchip Technology

Back Button TC654 Datasheet HTML 25Page - Microchip Technology TC654 Datasheet HTML 26Page - Microchip Technology TC654 Datasheet HTML 27Page - Microchip Technology TC654 Datasheet HTML 28Page - Microchip Technology TC654 Datasheet HTML 29Page - Microchip Technology TC654 Datasheet HTML 30Page - Microchip Technology TC654 Datasheet HTML 31Page - Microchip Technology TC654 Datasheet HTML 32Page - Microchip Technology TC654 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
 2002 Microchip Technology Inc.
DS21734A-page 29
TC654/TC655
8.2
Taping Form
8.3
Package Information
PIN 1
Component Taping Orientation for 10-Pin MSOP Devices
W
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
P
Carrier Tape, Number of Components Per Reel and Reel Size:
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
10-Pin MSOP
12 mm
8 mm
2500
13 in.
10-Pin MSOP
.009 (0.23)
.005 (0.13)
.028 (0.70)
.016 (0.40)
.122 (3.10)
.114 (2.90)
.201 (5.10)
.183 (4.65)
.012 (0.30)
.006 (0.15)
PIN 1
.006 (0.15)
.002 (0.05)
.020 (0.50)
.122 (3.10)
.114 (2.90)
.043 (1.10)
MAX.
6
° MAX.
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com