Electronic Components Datasheet Search
  English  ▼

X  

TC7126 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC7126 Datasheet HTML 7Page - Microchip Technology TC7126 Datasheet HTML 8Page - Microchip Technology TC7126 Datasheet HTML 9Page - Microchip Technology TC7126 Datasheet HTML 10Page - Microchip Technology TC7126 Datasheet HTML 11Page - Microchip Technology TC7126 Datasheet HTML 12Page - Microchip Technology TC7126 Datasheet HTML 13Page - Microchip Technology TC7126 Datasheet HTML 14Page - Microchip Technology TC7126 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21458B-page 11
TC7126/A
5.1
System Timing
The oscillator frequency is divided by four prior to
clocking the internal decade counters. The four-phase
measurement cycle takes a total of 4000 counts
(16,000 clock pulses). The 4000-count cycle is inde-
pendent of input signal magnitude.
Each phase of the measurement cycle has the following
length:
1.
Auto-Zero Phase: 1000 to 3000 counts
(4000 to 12,000 clock pulses).
For signals less than full scale, the auto-zero
phase is assigned the unused reference integrate
time period.
2.
Signal Integrate: 1000 counts
(4000 clock pulses).
This time period is fixed. The integration period is:
EQUATION 5-1:
3.
Reference Integrate: 0 to 2000 counts
(0 to 8000 clock pulses).
The TC7126A is a drop-in replacement for the TC7126
and ICL7126, which offer a greatly improved internal
reference temperature coefficient. No external compo-
nent value changes are required to upgrade existing
designs.
6.0
COMPONENT VALUE
SELECTION
6.1
Auto-Zero Capacitor (CAZ)
The CAZ capacitor size has some influence on system
noise. A 0.47
µF capacitor is recommended for 200mV
full scale applications where 1LSB is 100
µV. A 0.033µF
capacitor is adequate for 2.0V full scale applications. A
mylar type dielectric capacitor is adequate.
6.2
Reference Voltage Capacitor (CREF)
The reference voltage, used to ramp the integrator out-
put voltage back to zero during the reference integrate
phase, is stored on CREF.A 0.1µF capacitor is accept-
able when VREF- is tied to analog common. If a large
Common mode voltage exists (VREF- – analog com-
mon) and the application requires a 200mV full scale,
increase CREF to 1µF. Rollover error will be held to less
than 0.5 count. A Mylar type dielectric capacitor is
adequate.
6.3
Integrating Capacitor (CINT)
CINT should be selected to maximize integrator output
voltage swing without causing output saturation. Due to
the TC7126A's superior analog common temperature
coefficient specification, analog common will normally
supply the differential voltage reference. For this case,
a ±2V full scale integrator output swing is satisfactory.
For 3 readings per second (FOSC = 48kHz), a 0.047µF
value is suggested. For 1 reading per second, 0.15
µF
is recommended. If a different oscillator frequency is
used, CINT must be changed in inverse proportion to
maintain the nominal ±2V integrator swing.
An exact expression for CINT is:
EQUATION 6-1:
At 3 readings per second, a 750
Ω resistor should be
placed in series with CINT. This increases accuracy by
compensating for comparator delay. CINT must have
low dielectric absorption to minimize rollover error. A
polypropylene capacitor is recommended.
6.4
Integrating Resistor (RINT)
The input buffer amplifier and integrator are designed
with Class A output stages. The output stage idling cur-
rent is 6µA. The integrator and buffer can supply 1µA
drive current with negligible linearity errors. RINT is cho-
sen to remain in the output stage linear drive region, but
not so large that PC board leakage currents induce
errors. For a 200mV full scale, RINT is 180kΩ.A 2V full
scale requires 1.8M
Ω.
Note:
FOSC = 48kHz (3 readings per sec).
TSI = 4000
1
FOSC
Where: FOSC is the externally set clock frequency.
Component
Value
Nominal Full Scale Voltage
200mV
2V
CAZ
0.33
µF
0.033
µF
RINT
180k
Ω
1.8M
Ω
CINT
0.047
µF
0.047
µF
CINT =
(4000)
1
FOSC
VFS
RINT
VINT
Where:
FOSC = Clock frequency at Pin 38
VFS = Full scale input voltage
RINT = Integrating resistor
VINT = Desired full scale integrator output swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com