Electronic Components Datasheet Search
  English  ▼

X  

LM2647 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647
Description  LM2647 Dual Synchronous Buck Regulator Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2647 Datasheet(HTML) 2 Page - Texas Instruments

  LM2647 Datasheet HTML 1Page - Texas Instruments LM2647 Datasheet HTML 2Page - Texas Instruments LM2647 Datasheet HTML 3Page - Texas Instruments LM2647 Datasheet HTML 4Page - Texas Instruments LM2647 Datasheet HTML 5Page - Texas Instruments LM2647 Datasheet HTML 6Page - Texas Instruments LM2647 Datasheet HTML 7Page - Texas Instruments LM2647 Datasheet HTML 8Page - Texas Instruments LM2647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
SENSE1
1
FB1
2
COMP1
SS1
4
VDD
5
FREQ
6
SGND
7
EN
8
PGOOD
9
FPWM
10
SS2
11
COMP2
12
FB2
13
SENSE2
14
ILIM1
SW1
HDRV1
BOOT1
PGND1
LDRV1
VIN
V5
LDRV2
PGND2
BOOT2
HDRV2
SW2
ILIM2
3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9 10 11 12 13 14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SS1
VDD
FREQ
SGND
PGOOD
FPWM
V5
LDRV
2
PGND
2
BOOT
2
VIN
EN
LDRV
1
PGND1
5V
FPWM
VRON
R18
R17
POK
R20
R19
R1
C29
C16
(C15)
R22
(R16)
R21
(R15)
R23
(R14)
C17
(C14)
C25
(C22)
C26
(C23)
C31
C6 (C5)
C7 (C4)
R9 (R6)
R8 (R7)
Q2
(Q5)
Q1
(Q4)
C32
(C1)
L1
(L2)
Vo1
(Vo2)
D2
(D1)
C30
(C28)
VIN
FPWM
EN
PGOOD
VDD
FREQ
BOOT1 (2)
HDRV1 (2)
SW1 (2)
ILIM1 (2)
LDRV1 (2)
PGND1 (2)
SENSE1 (2)
V5
COMP1 (2)
FB1 (2)
SS1 (2)
SGND
VIN
LM2647
SNVS210F – JUNE 2003 – REVISED APRIL 2013
www.ti.com
Figure 1. Typical Application (Channel 2 in parenthesis)
See Figure 24 for Expanded View
Connection Diagrams
Top View
Top View
Figure 2. 28-Lead TSSOP Package
Figure 3. 28-Lead WQFN Package
See Package Number PW0028A
See Package Number NJB0028A
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com