Electronic Components Datasheet Search
  English  ▼

X  

TC7650 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7650
Description  Chopper Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7650 Datasheet HTML 4Page - Microchip Technology TC7650 Datasheet HTML 5Page - Microchip Technology TC7650 Datasheet HTML 6Page - Microchip Technology TC7650 Datasheet HTML 7Page - Microchip Technology TC7650 Datasheet HTML 8Page - Microchip Technology TC7650 Datasheet HTML 9Page - Microchip Technology TC7650 Datasheet HTML 10Page - Microchip Technology TC7650 Datasheet HTML 11Page - Microchip Technology TC7650 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC7650
DS21463B-page 8
© 2002 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
OUTPUT VOLTAGE (V)
Positive Clamp Current
vs. Output Voltage
1 mA
0.1 mA
0.01 mA
1 A
m
0.1 A
0.01 A
m
1 nA
1 pA
0.01 nA
0.1 nA
m
-4.0 -4.1 -4.2 -4.3 -4.4 -4.5 -4.6 -4.7 -4.8 -4.9 -5.0
OUTPUT VOLTAGE (V)
Negative Clamp Current
vs. Output Voltage
3.0
2.6
2.2
1.8
1.0
1.4
5
6
7
8
9
10 1112
1314 15
SUPPLY VOLTAGE (V)
Supply Current vs.
Supply Voltage
Gain/Phase vs. Frequency
30
20
10
0
–10
–20
–30
–40
–50
–60
1k
10k
100k
1M
10M
225
180
135
90
45
0
-45
-90
-135
-180
FREQUENCY (H )
z
1 mA
0.1 mA
0.01 mA
1 A
m
0.1 A
0.01 A
m
1 nA
1 pA
0.01 nA
0.1 nA
m
CLOSED-LOOP
GAIN = 20
PHASE
GAIN
TA = +25˚C
VS = ±5V
TA = +25˚C
VS = ±5V
TA = +25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com