Electronic Components Datasheet Search
  English  ▼

X  

LM3477MM Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3477MM
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3477MM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3477MM Datasheet HTML 14Page - Texas Instruments LM3477MM Datasheet HTML 15Page - Texas Instruments LM3477MM Datasheet HTML 16Page - Texas Instruments LM3477MM Datasheet HTML 17Page - Texas Instruments LM3477MM Datasheet HTML 18Page - Texas Instruments LM3477MM Datasheet HTML 19Page - Texas Instruments LM3477MM Datasheet HTML 20Page - Texas Instruments LM3477MM Datasheet HTML 21Page - Texas Instruments LM3477MM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
fS (VSL + 50 x 10
-6 x R
SL)
VIN1.8RSN
+ D-0.5)
1
S
QMAX
(
VIN1.8RSN
+ D-0.5)
1
(
S
QMIN
d
d
L
fS (VSL + 50 x 10
-6 x R
SL)
mc =
Se
Sn
1+
= 1+
fSL(VSL+ 50 x 10
-6 x R
SL)
1.8RSNVIN D' - VQ -VSEN
1+
1.8RSNVIN D'
|
fSL(VSL+ 50 x 10
-6 x R
SL)
D =
VOUT + VD
VIN + VD - VQ -VSEN
|
VOUT
VIN
Q =
1
S mc x D' - 0.5)
VOUT (1-D)
L x fS
(A)
'iL(Pk-Pk) =
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
POWER INDUCTOR SECTION
The LM3477/A operates at a high switching frequency of 500kHz, which allows the use of small inductors. This is
made apparent in the following set of equations used to calculate the output voltage ripple.
ΔVOUT(Pk-Pk) ≊ ΔiL(Pk-Pk) x RESR (V)
(17)
(18)
As the switching frequency fs increases, the inductance required for a given output voltage ripple decreases. The
equations above for
ΔVOUT and ΔiL provide criteria for choosing the inductance. The maximum voltage ripple in
steady-state, PWM operation can be controlled by limiting
ΔiL which in turn is set by the inductance value.
Alternatively, one can simply choose
ΔiL as a percentage of the maximum output current. Clearly, the size of the
output capacitor ESR, RESR, will have an affect on which criteria is used to choose the inductance. When the
ESR is relatively low (less than 100m
Ω), such as in ceramic, OSCON, and some low ESR tantalum capacitors, it
is convenient to choose the inductance based on setting
ΔiL to 30% of Iout(max). If the ESR is high, then it may
be necessary to restrict
ΔiL to a lower value so that the output voltage ripple is not too high. Generally speaking,
the former suggestion of setting
ΔiL to 30% of IOUT(MAX) is recommended.
The inductance also affects the stability of the converter. The slopes Sn and Sf in Figure 22 are functions of the
inductance, while the compensation ramp, Se, is fixed by default. Therefore if the inductance is too small, the
converter may experience sub-harmonic oscillations. The LM3477/A provides sufficient internal slope
compensation to allow for inductances chosen according to the
ΔiL = 0.3 x IOUT guideline in most cases. Still, one
should check to make sure the inductance is not too low before continuing the design process. If it is found that
the selected inductance is too low, a patented scheme to increase the compensation ramp, Se, is provided in the
LM3477/A (see DEFAULT/ADJUSTABLE SLOPE COMPENSATION). In the calculations that follow, if it is found
that the chosen inductance is too small, RSL can be used to increase Se so that the inductance can be used.
In a current mode control architecture, there is an inherent resonance at half the switching frequency (see
DEFAULT/ADJUSTABLE SLOPE COMPENSATION ). A convenient indicator of how much resonance exists is
the quality factor Q. If Q is too high, subharmonic oscillations could occur, if Q is too low, the current mode
architecture begins to act like a voltage mode architecture and the necessary compensation becomes more
complex. This is discussed in more detail in Compensation, but here it is important to calculate Q to be sure the
selected inductance will not cause problems to the stability of the converter. The calculations below call for an
inductance that results in Q between 0.15 and 2. See Compensation if the chosen inductance enforces Q to be
out of this range. By default, no extra slope compensation is needed, so RSL = 0. In general, a Q between 0.5
and 1 is optimal.
(19)
Where,
D' = 1
−D
(20)
(21)
(22)
VQ = VDS of the MOSFET when it is conducting IOUT*RDS(ON).
1.8 = voltage gain of the current sense amp.
VSEN = Voltage across the sense resistor ≊ IOUT x RSN
Back solving for L gives a range for acceptable inductances based on a range for Q:
(23)
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com