Electronic Components Datasheet Search
  English  ▼

X  

LM3488MM Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488MM
Description  LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MM Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3488MM Datasheet HTML 13Page - Texas Instruments LM3488MM Datasheet HTML 14Page - Texas Instruments LM3488MM Datasheet HTML 15Page - Texas Instruments LM3488MM Datasheet HTML 16Page - Texas Instruments LM3488MM Datasheet HTML 17Page - Texas Instruments LM3488MM Datasheet HTML 18Page - Texas Instruments LM3488MM Datasheet HTML 19Page - Texas Instruments LM3488MM Datasheet HTML 20Page - Texas Instruments LM3488MM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
20k
RF1
CC 22 nF
RC
4.7k
AGND
FB
COMP
ISEN
RFA
40k
VIN
FA/SD/SYNC
DR
PGND
L
10 PH
0.025:
RSN
Q1
IRF7807
D MBRD340
CIN
100 PF, 6.3V
+
VIN = 3.3V (±10%)
60k
RF2
COUT
100 PF, 10V
+
x2
VOUT = 5V, 2A
CSN
0.01 PF
LM3488
LM3488, LM3488-Q1
www.ti.com
SNVS089N – JULY 2000 – REVISED DECEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3488 may be operated in either continuous or discontinuous conduction mode. The following applications
are designed for continuous conduction operation. This mode of operation has higher efficiency and lower EMI
characteristics than the discontinuous mode.
8.2 Typical Applications
8.2.1 Boost Converter
Figure 30. Typical High Efficiency Step-Up (Boost) Converter
The most common topology for LM3488 is the boost or step-up topology. The boost converter converts a low
input voltage into a higher output voltage. The basic configuration for a boost regulator is shown in Figure 31. In
continuous conduction mode (when the inductor current never reaches zero at steady state), the boost regulator
operates in two cycles. In the first cycle of operation, MOSFET Q is turned on and energy is stored in the
inductor. During this cycle, diode D is reverse biased and load current is supplied by the output capacitor, COUT.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com