Electronic Components Datasheet Search
  English  ▼

X  

LM5116 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116
Description  Wide Range Synchronous Buck Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5116 Datasheet HTML 17Page - Texas Instruments LM5116 Datasheet HTML 18Page - Texas Instruments LM5116 Datasheet HTML 19Page - Texas Instruments LM5116 Datasheet HTML 20Page - Texas Instruments LM5116 Datasheet HTML 21Page - Texas Instruments LM5116 Datasheet HTML 22Page - Texas Instruments LM5116 Datasheet HTML 23Page - Texas Instruments LM5116 Datasheet HTML 24Page - Texas Instruments LM5116 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LM5116
www.ti.com
SNVS499H – FEBRUARY 2007 – REVISED JULY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5116 device is a step-down DC-DC controller. The device is typically used to convert a higher DC-DC
voltage to a lower DC voltage. Use the following design procedure to select component values. Alternately, use
the WEBENCH® software to generate a complete design. The WEBENCH software uses an iterative design
procedure and assesses a comprehensive database of components when generating a design.
8.2 Typical Application
Figure 33. 5-V 7-A Typical Application Schematic
8.2.1 Design Requirements
The procedure for calculating the external components is illustrated with the following design example. The Bill of
Materials for this design is listed in Table 1. The circuit shown in Figure 33 is configured for the following
specifications:
•
Output voltage = 5 V
•
Input voltage = 7 V to 60 V
•
Maximum load current = 7 A
•
Switching frequency = 250 kHz
Simplified equations are used as a general guideline for the design method. See Comprehensive Equations.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com