Electronic Components Datasheet Search
  English  ▼

X  

TC815 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC815 Datasheet HTML 11Page - Microchip Technology TC815 Datasheet HTML 12Page - Microchip Technology TC815 Datasheet HTML 13Page - Microchip Technology TC815 Datasheet HTML 14Page - Microchip Technology TC815 Datasheet HTML 15Page - Microchip Technology TC815 Datasheet HTML 16Page - Microchip Technology TC815 Datasheet HTML 17Page - Microchip Technology TC815 Datasheet HTML 18Page - Microchip Technology TC815 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 15
TC815
FIGURE 7-1:
AUTO-RANGE OPERATION: VOLTAGE MEASUREMENT
TC815
N = 0 if DC
N = 1 if AC
N = 0: 200.0mV Full Scale Range
N = 1: 2,000V Full Scale Range
Start: Power-on, Function or Measurement Option Change
N = 0 if DC
N = 1 if AC
Kth
Conversion
VX - (1/10N) VIN
VX < 180
?
VX > 2000
?
VX > 3000
?
N = 4
?
Display "1" 000
Flash MSD
N = N + 1
Display
Voltae (VX)
Display "1" XXX
Flash MSD
K = K + 1
N = N – 1
Yes
Yes
Yes
Yes
No
No
Yes
No
No
Activate
Buzzer
Over Range
N = NK
Remaining in Range Selected
during the Kth Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com