Electronic Components Datasheet Search
  English  ▼

X  

TC850CLW Datasheet(PDF) 15 Page - Microchip Technology

Part # TC850CLW
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850CLW Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC850CLW Datasheet HTML 11Page - Microchip Technology TC850CLW Datasheet HTML 12Page - Microchip Technology TC850CLW Datasheet HTML 13Page - Microchip Technology TC850CLW Datasheet HTML 14Page - Microchip Technology TC850CLW Datasheet HTML 15Page - Microchip Technology TC850CLW Datasheet HTML 16Page - Microchip Technology TC850CLW Datasheet HTML 17Page - Microchip Technology TC850CLW Datasheet HTML 18Page - Microchip Technology TC850CLW Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21479C-page 15
TC850
7.0
ANALOG SECTION TYPICAL
APPLICATIONS
7.1
Component Selection
7.1.1
REFERENCE VOLTAGE
The typical value for reference voltage VREF1 is
1.6384V. This value yields a full scale voltage of
3.2768V and resolution of 100
μV per step. The VREF2
value is derived by dividing VREF1 by 64. Thus, typical
VREF2 value is 1.6384V/64, or 25.6 mV. The VREF2
value should be adjusted within ±1% to maintain 15-bit
accuracy for the total conversion process;
EQUATION 7-1:
:
The reference voltage is not limited to exactly 1.6384V,
however, because the TC850 performs a ratiometric
conversion. Therefore, the conversion result will be:
EQUATION 7-2:
The full scale voltage can range from 3.2V to 3.5V. Full
scale voltages of less than 3.2V will result in increased
noise in the Least Significant bits, while a full scale
above 3.5V will exceed the input common-mode range.
7.1.2
INTEGRATION RESISTOR
The TC850 buffer supplies 25
μA of integrator charging
current with minimal linearity error. RINT is easily
calculated:
EQUATION 7-3:
For a full scale voltage of 3.2768V, values of RINT
between 120 k
Ω and 150 kΩ are acceptable.
7.1.3
INTEGRATION CAPACITOR
The integration capacitor should be selected to
produce an integrator swing of
≈ 4V at full scale. The
capacitor value is easily calculated:
EQUATION 7-4:
The integration capacitor should be selected for low
dielectric absorption to prevent rollover errors. A
polypropylene, polyester or polycarbonate dielectric
capacitor is recommended.
7.1.4
REFERENCE CAPACITORS
The reference capacitors require a low-leakage dielec-
tric, such as polypropylene, polyester or polycarbon-
ate. A value of 1
μF is recommended for operation over
the temperature range. If high-temperature operation is
not required, the CREF values can be reduced.
7.1.5
AUTO-ZERO CAPACITORS
Five capacitors are required to auto-zero the input
buffer, integrator amplifier and comparator. Recom-
mended capacitors are 0.1
μF film dielectric (such as
polyester or polypropylene). Ceramic capacitors are
not recommended.
VREF =
VREF1 ± 1%
64
Digital Counts =
• 16384
VIN
VREF1
RINT =
VFULLSCALE
25
μA
C =
VFS
RINT
•
4 • 256
4V FCLOCK
where:
FCLOCK is the crystal or external oscillator
frequency and VFS is the maximum input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com