Electronic Components Datasheet Search
  English  ▼

X  

TC9401EJD Datasheet(PDF) 10 Page - Microchip Technology

Part # TC9401EJD
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9401EJD Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC9401EJD Datasheet HTML 6Page - Microchip Technology TC9401EJD Datasheet HTML 7Page - Microchip Technology TC9401EJD Datasheet HTML 8Page - Microchip Technology TC9401EJD Datasheet HTML 9Page - Microchip Technology TC9401EJD Datasheet HTML 10Page - Microchip Technology TC9401EJD Datasheet HTML 11Page - Microchip Technology TC9401EJD Datasheet HTML 12Page - Microchip Technology TC9401EJD Datasheet HTML 13Page - Microchip Technology TC9401EJD Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC9400/9401/9402
DS21483B-page 10
© 2002 Microchip Technology Inc.
5.0
VOLTAGE-TO-FREQUENCY
(V/F) CONVERTER DESIGN
INFORMATION
5.1
Input/Output Relationships
The output frequency (FOUT) is related to the analog
input voltage (VIN) by the transfer equation:
EQUATION 5-1:
5.2
External Component Selection
5.2.1
RIN
The value of this component is chosen to give a full
scale input current of approximately 10
µA:
EQUATION 5-2:
EQUATION 5-3:
Note that the value is an approximation and the exact
relationship is defined by the transfer equation. In prac-
tice, the value of RIN typically wouldbetrimmedto
obtain full scale frequency at VIN full scale (see
Section 5.3, Adjustment Procedure). Metal film resis-
tors with 1% tolerance or better are recommended for
high accuracy applications because of their thermal
stability and low noise generation.
5.2.2
CINT
The exact value is not critical but is related to CREF by
the relationship:
3CREF ≤ CINT ≤ 10CREF
Improved stability and linearity are obtained when
CINT ≤ 4CREF. Low leakage types are recommended,
although mica and ceramic devices can be used in
applications where their temperature limits are not
exceeded. Locate as close as possible to Pins 12
and 13.
5.2.3
CREF
Theexact valueisnot critical and maybeusedtotrim
the full scale frequency (see Section 7.1, Input/Output
Relationships). Glass film or air trimmer capacitors are
recommended because of their stability and low leak-
age. Locate as close as possible to Pins 5 and 3 (see
Figure 5-1).
FIGURE 5-1:
RECOMMENDED
CREF VS. VREF
5.2.4
VDD,VSS
Power supplies of ±5V are recommended. For high
accuracy requirements, 0.05% line and load regulation
and 0.1
µF disc decoupling capacitors, located near the
pins, are recommended.
5.3
Adjustment Procedure
Figure 3-1 shows a circuit for trimming the zero loca-
tion. Full scale may be trimmed by adjusting RIN,VREF,
or CREF. Recommended procedure for a 10kHz full
scale frequency is as follows:
1.
Set VIN to 10mV and trim the zero adjust circuit
to obtain a 10Hz output frequency.
2.
Set VIN to 10V and trim either RIN,VREF,or CREF
to obtain a 10kHz output frequency.
If adjustments are performed in this order, there should
be no interaction and they should not have to be
repeated.
5.4
Improved Single Supply V/F
Converter Operation
A TC9400, which operates from a single 12 to 15V vari-
able power source, is shown in Figure 5-2. This circuit
uses two Zener diodes to set stable biasing levels for
the TC9400. The Zener diodes also provide the refer-
ence voltage, so the output impedance and tempera-
ture coefficient of the Zeners will directly affect power
supply rejection and temperature performance. Full
scale adjustment is accomplished by trimming the input
current. Trimming the reference voltage is not recom-
mended for high accuracy applications unless an
Op Amp is used as a buffer, because the TC9400
requires a low impedance reference (see Section 4.9,
VREF pin description, for more information).
The circuit of Figure 5-2 will directly interface with
CMOS logic operating at 12V to 15V. TTL or 5V CMOS
logic can be accommodated by connecting the output
pull-up resistors to the +5V supply. An optoisolator can
also be used if an isolated output is required; also, see
Figure 5-3.
Frequency Out =
VIN
RIN
,x
1
(VREF)(VREF)
VIN
FULLSCALE
10
µA
RIN ≅
10V
10
µA
RIN ≅
=1M
Ω
500
400
300
200
100
0
-1
-2
-3
-4
-5
-6
-7
VREF (V)
10kHz
100kHz
VDD = +5V
VSS = -5V
RIN = 1MΩ
VIN = +10V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com