Electronic Components Datasheet Search
  English  ▼

X  

PE3VNA2603 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3VNA2603
Description  Designed for use as VNA Test Port extenders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3VNA2603 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3VNA2603 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3VNA2603 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3VNA2603 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3VNA2603 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3VNA2603 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Environmental Specifications
Temperature
Operating Range
+125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
Typical Performance Data
PE3VNA2603 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Cable Using Ruggedized VNA Test Coax, RoHS PE3VNA2603
RF Cable Assemblies Technical Data Sheet
VNA Ruggedized Test Cable 3.5mm Male
to 3.5mm Male 26.5GHz, RoHS
PE3VNA2603



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com