Electronic Components Datasheet Search
  English  ▼

X  

PE300 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE300
Description  SMA Male to SMA Male Precision Cable Using 160 Series Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE300 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE300 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE300 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE300 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE300 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to SMA Male Precision Cable Using 160 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
160 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,200
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.25:1
Frequency 2
Frequency, GHz
6
VSWR
1.25:1
Frequency 3
Frequency, GHz
10
VSWR
1.3:1
Frequency 4
Frequency, GHz
14
VSWR
1.3:1
Frequency 5
Frequency, GHz
16
VSWR
1.35:1
Frequency 6
Frequency, GHz
18
VSWR
1.35:1
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Precision Cable Using 160 Series Coax, RoHS PE300
PE300 REV
PE300
SMA Male to SMA Male Precision Cable
Using 160 Series Coax, RoHS


Similar Part No. - PE300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300-12 PASTERNACK-PE300-12 Datasheet
402Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE300-120 PASTERNACK-PE300-120 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE300-24 PASTERNACK-PE300-24 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE300-36 PASTERNACK-PE300-36 Datasheet
251Kb / 4P
SMA Male to SMA Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE300-48 PASTERNACK-PE300-48 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300-24 PASTERNACK-PE300-24 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE300-36 PASTERNACK-PE300-36 Datasheet
251Kb / 4P
SMA Male to SMA Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE300-48 PASTERNACK-PE300-48 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE300-60 PASTERNACK-PE300-60 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE300-72 PASTERNACK-PE300-72 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 72 Inch Length Using 160 Series Coax, RoHS
PE300-120 PASTERNACK-PE300-120 Datasheet
252Kb / 4P
SMA Male to SMA Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE3790 PASTERNACK-PE3790 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable Using 165 Series Coax, RoHS
PE304 PASTERNACK-PE304 Datasheet
239Kb / 4P
SMA Male to N Male Precision Cable Using 160 Series Coax RoHS
PE34286 PASTERNACK-PE34286 Datasheet
233Kb / 1P
SMA Male to SMA Male Precision Cable Using 150 Series Coax RoHS
PE308 PASTERNACK-PE308 Datasheet
236Kb / 4P
SMA Male to TNC Male Precision Cable Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com