Electronic Components Datasheet Search
  English  ▼

X  

PE39802 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39802
Description  7-16 DIN Male to 7-16 DIN Male Low PIM Cable Using 1-2 inch Flexible Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39802 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39802 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39802 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39802 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39802 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 4
Frequency
2.7 GHz
VSWR
1.11:1
Insertion Loss
0.04 dB/ft [0.13 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-40 to +80 deg C
Size
Diameter
0.629 in [15.98 mm]
.
Weight
0.155 lbs [70.31 g]
Cable Color
Black
One Time Minimum Bend Radius
2.75 in [69.85 mm]
Repeated Minimum Bend Radius
4.72 in [119.89 mm]
Cable
Cable Type
1/2” Flexible
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Aluminum
No of Shields
1
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter
0.629 in [15.98 mm]
Connector 1
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
32 mm
Torque
18.417 ft-lbs [24.97 Nm]
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
32 mm
Torque
18.417 ft-lbs [24.97 Nm]
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
PE39802 REV 1.0
PE39802
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 7/16 DIN Male to 7/16 DIN Male Low PIM Cable Using 1/2 inch Flexible Coax, RoHS
PE39802
7/16 DIN Male to 7/16 DIN Male Low PIM Cable
Using 1/2 inch Flexible Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com