Electronic Components Datasheet Search
  English  ▼

X  

HBO04D Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HBO04D
Description  Back Electret Condenser Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HBO04D Datasheet(HTML) 1 Page - JL World Company Limited.

  HBO04D Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CR927
Lithium Coin Cells
Microphones
Back Electret Condenser Microphone
Frequency Response
Specification (all data taken at 25°C unless otherwise specified)
Model
HBO0402D-62
Directivity
Omni-directional
*Sensitivity
(dB)
-42±3
Rated
Voltage
(V)
2
Current
Consumption
(mA)
≤0.5
Impedance
(Ω)
Low
Frequency
Range
(Hz)
100 ~ 10000
*Condition: 0dB = 1V/Pa, 1KHz, Difference sensitivity level is available upon request.
HBO04D
www.jlworld.com
Dimensions
Unit : mm
Tolerance : ±0.3mm
S/N
Ratio
(dB)
≥60
Maximum
Operating
Voltage
(V)
10
CR927
Applied Voltage: 2V
Load Resistance: 2.2KΩ


Similar Part No. - HBO04D

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HBO0402B-64 JLWORLD-HBO0402B-64 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBO0402C-64 JLWORLD-HBO0402C-64 Datasheet
43Kb / 1P
Back Electret Condenser Microphone
HBO0403E-62 JLWORLD-HBO0403E-62 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBO0403G-66S JLWORLD-HBO0403G-66S Datasheet
41Kb / 1P
Back Electret Condenser Microphone
HBO0403G-66S JLWORLD-HBO0403G-66S Datasheet
41Kb / 1P
Back Electret Condenser Microphone
More results

Similar Description - HBO04D

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
43Kb / 1P
Back Electret Condenser Microphone
HBO0402B-64 JLWORLD-HBO0402B-64 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBO0403E-62 JLWORLD-HBO0403E-62 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBO0403G-66S JLWORLD-HBO0403G-66S Datasheet
41Kb / 1P
Back Electret Condenser Microphone
HBO0602K-65 JLWORLD-HBO0602K-65 Datasheet
41Kb / 1P
Back Electret Condenser Microphone
HBO0603V-64 JLWORLD-HBO0603V-64 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBU0602E-67 JLWORLD-HBU0602E-67 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBU0803A-64 JLWORLD-HBU0803A-64 Datasheet
46Kb / 1P
Back Electret Condenser Microphone
HBC10A JLWORLD-HBC10A Datasheet
49Kb / 1P
Back Electret Condenser Microphone
HBO04G JLWORLD-HBO04G Datasheet
41Kb / 1P
Back Electret Condenser Microphone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com