Electronic Components Datasheet Search
  English  ▼

X  

HC09E Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HC09E
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HC09E Datasheet(HTML) 1 Page - JL World Company Limited.

  HC09E Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring.Temperature.6.)E°C
Measuring.Distance.6.fwcm
HC09E
Series
Electro-Magnetic Sound Generators
Dimensions
Unit.6.mm
Tolerance.6.±wkHmm
%Value.øpplying.Rated.Voltagev.Rated.Frequencyv.Ewy.Duty.Square.Wave
Specification.Fall.data.taken.at.)E°C.unless.otherwise.specifiedq
Model
HCw+wfE
HCw+wHE
HCw+wEE
Operating
Temperature
F°Cq
()w.~.SOw
()w.~.SOw
()w.~.SOw
%Sound.Pressure.
Level.at.fwcm
FdXq
≥~w
≥~)
≥~E
Rated.
Voltage.
FVDCq
fkE
H
E
Operating.
Voltage.
FVDCq
f.~.)
).~.E
9.~.-
%Rated
Current.
Fmøq
≤~w
≤~w
≤~w
Rated
Frequency.
FHzq
)-Hf
)-Hf
)-Hf
Storage
Temperature
F°Cq
(Hw.~.S-w
(Hw.~.S-w
(Hw.~.S-w
Weight
Fgq
f
f
f
Coil.
Resistance
FΩq
EkE.±.f
)E.±.9
9w.±.9
60
500
1K
2K
90
dB
70
80
3K
4K
5K
10K
OkE
ø+kE
9
XXX
HE
H.Digits
Date.Code


Similar Part No. - HC09E

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09E JLWORLD-HC09E Datasheet
470Kb / 1P
value applying rated voltage
More results

Similar Description - HC09E

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM09BX JLWORLD-HCM09BX Datasheet
292Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com