Electronic Components Datasheet Search
  English  ▼

X  

HCM12F Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCM12F
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCM12F Datasheet(HTML) 1 Page - JL World Company Limited.

  HCM12F Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring.Temperature.B.)-°C
Measuring.Distance.B.fwcm
HCM12F
Series
Electro-Magnetic Sound Generators
Dimensions
Unit.B.mm
Tolerance.B.±wkHmm
%Value.Applying.Rated.Voltagev.Rated.Frequencyv.-wy.Duty.Square.Wave
Specification.Fall.data.taken.at.)-°C.unless.otherwise.specifiedq
Model
HCMf)wHF
HCMf)w-F
HCMf)f)F
Operating
Temperature
F°Cq
()w.~.S~w
()w.~.S~w
()w.~.S~w
%Sound.Pressure.
Level.at.fwcm
FdBq
≥6-
≥6-
≥6-
Rated.
Voltage.
FVw(pq
H
-
f)
Operating.
Voltage.
FVw(pq
).~.-
O.~.6
+.~.f~
%Rated
Current.
FmAq
≤~w
≤~w
≤~w
Rated
Frequency.
FHzq
)Oww
)Oww
)Oww
Storage
Temperature
F°Cq
(Hw.~.S+w
(Hw.~.S+w
(Hw.~.S+w
Weight
Fgq
)
)
)
Coil.
Resistance
FΩq
)-.±.O
O-.±.O
fOw.±.O
60
500
1K
80
70
dB
90
2K
3K
4K
5K
10K
~k-
sealing label
ø)k)
+k-
~


Similar Part No. - HCM12F

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM1201A JLWORLD-HCM1201A Datasheet
71Kb / 1P
Electro-Magnetic Sound Generators
HCM1201A JLWORLD-HCM1201A Datasheet
71Kb / 1P
Value applying Rated Voltage
HCM1201A JLWORLD-HCM1201A Datasheet
582Kb / 1P
value applying rated voltage
HCM1201A JLWORLD-HCM1201A Datasheet
388Kb / 1P
ELECTROMAGNETIC SOUND EMITTERS
HCM1201BX JLWORLD-HCM1201BX Datasheet
75Kb / 1P
Electro-Magnetic Sound Generators
More results

Similar Description - HCM12F

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com