Electronic Components Datasheet Search
  English  ▼

X  

HCM25B Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCM25B
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCM25B Datasheet(HTML) 1 Page - JL World Company Limited.

  HCM25B Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electro-MagneticSoundGenerators
www.jlworld.com
Dimension
Unit:mm
Tolerance:±0.3mm
FrequencyResponse
AppliedVoltage:6V,50%DutySquareWave
MeasuringDistance:10cm
MaskingLabel
SoundPort
EpoxyResin
12.0
0.50
3.0
4.5
Specification (alldatatakenat25°Cunlessotherwisespecified)
Value ApplyingRatedVoltage,RatedFrequency,50%DutySquareWave
H
Rated
Voltage
(V)
5
6
12
Operating
Voltage
(V)
3~7
3~7
8~14
H
Rated
Current
(mA)
75
£
£
£
75
55
Coil
Resistance
( )
33±5
36±5
120±12
W
H
SoundOutput
at10cm
(dB)
85
³
Rated
Frequency
(Hz)
1000
~
1500
Operating
Temperature
(°C)
-40~+85
Storage
Temperature
(°C)
-40~+85
Weight
(g)
10
Model
HCM2505B
HCM2506B
HCM2512B
60
70
80
90
500
1K
2K
3K
5K
10K
Hz
dB
HCM25B
Series


Similar Part No. - HCM25B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM2505B JLWORLD-HCM2505B Datasheet
78Kb / 1P
Electro-Magnetic Sound Generators
HCM2506A JLWORLD-HCM2506A Datasheet
78Kb / 1P
Electro-Magnetic Sound Generators
HCM2506A JLWORLD-HCM2506A Datasheet
78Kb / 1P
Value applying Rated Voltage
HCM2506A JLWORLD-HCM2506A Datasheet
388Kb / 1P
ELECTROMAGNETIC SOUND EMITTERS
logo
Dubilier
HCM2506AN DUBILIER-HCM2506AN Datasheet
57Kb / 1P
SOUNDERS SMD ELECTRO-MAGNETIC AUDIO TRANSDUCERS
More results

Similar Description - HCM25B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com