Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV716
Description  Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV716 Datasheet(HTML) 3 Page - Texas Instruments

  TLV716_15 Datasheet HTML 1Page - Texas Instruments TLV716_15 Datasheet HTML 2Page - Texas Instruments TLV716_15 Datasheet HTML 3Page - Texas Instruments TLV716_15 Datasheet HTML 4Page - Texas Instruments TLV716_15 Datasheet HTML 5Page - Texas Instruments TLV716_15 Datasheet HTML 6Page - Texas Instruments TLV716_15 Datasheet HTML 7Page - Texas Instruments TLV716_15 Datasheet HTML 8Page - Texas Instruments TLV716_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLV716
TLV716P
www.ti.com
SBVS217A – JUNE 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS
Over operating temperature range of TA = –40°C to +85°C, VIN = VOUT(TYP) + 0.5 V or 2.0 V (whichever is greater), IOUT =
1 mA, VEN1 = VEN2 = 0.9 V, and CIN = COUT1 = COUT2 = 1 μF, unless otherwise noted. Typical values are at TJ = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.4
5.5
V
TJ = +25°C, VOUT > 1.2 V
–1%
0.33%
1%
TJ = +25°C, VOUT ≤ 1.2 V
–20
20
mV
VOUT
Output voltage accuracy
TJ = –40°C to +85°C, VOUT > 1.2 V
–1.5%
1.5%
TJ = –40°C to +85°C, VOUT ≤ 1.2 V
–50
50
mV
IOUT
Output current
Each channel
150
mA
ΔVOUT / ΔVIN
Line regulation
VOUT + 0.5 V < VIN ≤ 5.5 V
0.02
0.2
%/V
ΔVOUT / ΔIOUT
Load regulation
1 mA < IOUT < 150 mA
0.07
0.2
mV/mA
ΔVOUT / ΔIOUT
Cross load regulation
1 mA < IOUT < 150 mA
0.005
0.066
mV/mA
IOUT = 150 mA, 1.0 V ≤ VOUT < 1.2 V
0.78
1
V
IOUT = 150 mA, 1.2 V ≤ VOUT < 1.8 V
0.6
0.9
V
IOUT = 150 mA, 1.8 V ≤ VOUT < 2.1 V
0.35
0.575
V
VDO
Dropout voltage
IOUT = 150 mA, 2.1 V ≤ VOUT < 2.5 V
0.29
0.48
V
IOUT = 150 mA, 2.5 V ≤ VOUT < 3.0 V
0.23
0.45
V
IOUT = 150 mA, 3.0 V ≤ VOUT < 3.3 V
0.21
0.42
V
VHI
Enable high voltage
0.9
VIN
V
VLO
Enable low voltage
0
0.4
V
RPD
Output pull-down resistance
TLV716P only
120
Ω
VIN = VOUT(TYP) + 0.5 V or 2.1 V
ICL
Output current limit
160
500
mA
(whichever is greater)
ISC
Output short current limit
VOUT = 0 V
40
mA
IGND
Ground pin current
Per channel, IOUT = 0 mA, VIN = 5.5 V
50
75
µA
ISHUTDOWN
Shutdown current
Per channel, VIN = 5.5 V, TJ = +25°C
0.1
1
μA
f = 100 Hz, VOUT = 2.8 V, IOUT = 30 mA
80
dB
PSRR
Power-supply rejection ratio
f = 10 kHz, VOUT = 2.8 V, IOUT = 30 mA
46
dB
BW = 10 Hz to 100 kHz, VOUT = 1.8 V,
VN
Output noise voltage
70
μVRMS
VIN = 2.3 V, IOUT = 10 mA
VOUT = 1.0 V, IOUT = 150 mA
170
μs
tSTR
Startup time(1)
VOUT = 3.3 V, IOUT = 150 mA
900
μs
Shutdown, temperature increasing
+158
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating Junction Temperature
–40
+125
°C
(1)
Startup time = time from EN assertion to 0.98 × VOUT(NOM).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com