Electronic Components Datasheet Search
  English  ▼

X  

PIC16LC620-20E/SS Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16LC620-20E/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20E/SS Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16LC620-20E/SS Datasheet HTML 36Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 37Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 38Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 39Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 40Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 41Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 42Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 43Page - Microchip Technology PIC16LC620-20E/SS Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
PIC16C62X
DS30235G-page 40
Preliminary
© 1998 Microchip Technology Inc.
7.4
Comparator Response Time
Response time is the minimum time, after selecting a
new reference voltage or input source, before the
comparator output is guaranteed to have a valid level.
If the internal reference is changed, the maximum
delay of the internal voltage reference must be
considered when using the comparator outputs.
Otherwise the maximum delay of the comparators
should be used (Table 12-2 ).
7.5
Comparator Outputs
The comparator outputs are read through the CMCON
register. These bits are read only. The comparator
outputs may also be directly output to the RA3 and RA4
I/O pins. When the CM<2:0> = 110, multiplexors in the
output path of the RA3 and RA4 pins will switch and the
output of each pin will be the unsynchronized output of
the comparator. The uncertainty of each of the
comparators is related to the input offset voltage and
the
response
time
given
in
the
specifications.
Figure 7-4
shows
the
comparator
output
block
diagram.
The TRISA bits will still function as an output
enable/disable for the RA3 and RA4 pins while in this
mode.
Note 1: When reading the PORT register, all pins
configured as analog inputs will read as
a ‘0’. Pins configured as digital inputs will
convert an analog input according to the
Schmitt Trigger input specification.
2: Analog levels on any pin that is defined
as a digital input may cause the input
buffer to consume more current than is
specified.
FIGURE 7-4:
COMPARATOR OUTPUT BLOCK DIAGRAM
D
Q
EN
To RA3 or
RA4 Pin
Bus
Data
RD CMCON
Set
MULTIPLEX
CMIF
Bit
-
+
D
Q
EN
CL
Port Pins
RD CMCON
NRESET
From
Other
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com