Electronic Components Datasheet Search
  English  ▼

X  

TPPM0303 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0303
Description  250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0303 Datasheet(HTML) 1 Page - Texas Instruments

  TPPM0303 Datasheet HTML 1Page - Texas Instruments TPPM0303 Datasheet HTML 2Page - Texas Instruments TPPM0303 Datasheet HTML 3Page - Texas Instruments TPPM0303 Datasheet HTML 4Page - Texas Instruments TPPM0303 Datasheet HTML 5Page - Texas Instruments TPPM0303 Datasheet HTML 6Page - Texas Instruments TPPM0303 Datasheet HTML 7Page - Texas Instruments TPPM0303 Datasheet HTML 8Page - Texas Instruments TPPM0303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPPM0303
250-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS364 – FEBRUARY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Automatic Input Voltage Source Selection
D Glitch-Free Regulated Output
D 5-V Input Voltage Source Detector With
Hysteresis
D 250-mA Load Current Capability With 5-V or
3.3-V Input Source
D Low rDS(on) Auxiliary Switch
description
The TPPM0303 is a low-dropout regulator with auxiliary power management that provides a constant 3.3-V
supply at the output capable of driving a 250-mA load.
The TPPM0303 provides a regulated power output for systems that have multiple input sources and require a
constant voltage source with a low-dropout voltage. This is a single output, multiple input, intelligent power
source selection device with a low-dropout regulator for either 5VCC or 5VAUX inputs, and a low-resistance
bypass switch for the 3.3VAUX input.
Transitions may occur from one input supply to another without generating a glitch outside of the specification
range on the 3.3-V output. The device has an incorporated reverse-blocking scheme to prevent excess leakage
from the input terminals in the event that the output voltage is greater than the input voltage.
The input voltage is prioritized in the following order: 5VCC, 5VAUX, and 3.3VAUX.
Copyright
© 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
5VAUX
5VCC
3.3VOUT
3.3VAUX
NC
GND
NC
NC
D PACKAGE
(TOP VIEW)


Similar Part No. - TPPM0303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI2-TPPM0303 Datasheet
329Kb / 14P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
FEBRUARY 2001
TPPM0303D TI-TPPM0303D Datasheet
211Kb / 10P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303D TI2-TPPM0303D Datasheet
329Kb / 14P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
FEBRUARY 2001
TPPM0303D.A TI2-TPPM0303D.A Datasheet
329Kb / 14P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
FEBRUARY 2001
More results

Similar Description - TPPM0303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
V 1.0
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
V 0.1
logo
Texas Instruments
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com