Electronic Components Datasheet Search
  English  ▼

X  

PE15A3267 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A3267
Description  5 dB NF, 15 dBm P1dB, 100 MHz to 26.5 GHz, Low Noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3267 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3267 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3267 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3267 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
0.9 in [22.86 mm]
Width
1.05 in [26.67 mm]
Height
0.38 in [9.65 mm]
.
Input Connector
SMA
Output Connector
SMA
Cooling
ADEQUATE HEATSINK REQUIRED
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-54 to +85 deg C
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
•
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
•
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
5 dB NF, 15 dBm P1dB, 100 MHz to 26.5 GHz, Low Noise Broadband Amplifier, 15 dB Gain, 23 dBm IP3, SMA from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 dB NF, 15 dBm P1dB, 100 MHz to 26.5 GHz, Low Noise Broadband Amplifier, 15 dB Gain, 23
dBm IP3, SMA PE15A3267
URL: http://www.pasternack.com/5-db-26.5-ghz-low-noise-broadband-amplifier-15-db-gain-sma-pe15a3267-p.aspx
PE15A3267
PE15A3267 REV 1.0
5 dB NF, 15 dBm P1dB, 100 MHz to 26.5 GHz, Low Noise
Broadband Amplifier, 15 dB Gain, 23 dBm IP3, SMA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com